Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5923 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC5923
Description  LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC5923 Fiches technique(HTML) 5 Page - Texas Instruments

  TLC5923 Datasheet HTML 1Page - Texas Instruments TLC5923 Datasheet HTML 2Page - Texas Instruments TLC5923 Datasheet HTML 3Page - Texas Instruments TLC5923 Datasheet HTML 4Page - Texas Instruments TLC5923 Datasheet HTML 5Page - Texas Instruments TLC5923 Datasheet HTML 6Page - Texas Instruments TLC5923 Datasheet HTML 7Page - Texas Instruments TLC5923 Datasheet HTML 8Page - Texas Instruments TLC5923 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
PIN EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
(Note: Resistor values are equivalent resistance and not tested).
VCC
INPUT
GND
400 W
SOUT
GND
10 W
TLC5923
SLVS550 – DECEMBER 2004
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
OUT1
8
O
Constant current output
OUT2
10
O
Constant current output
OUT3
11
O
Constant current output
OUT4
12
O
Constant current output
OUT5
13
O
Constant current output
OUT6
15
O
Constant current output
OUT7
16
O
Constant current output
OUT8
17
O
Constant current output
OUT9
18
O
Constant current output
OUT10
20
O
Constant current output
OUT11
21
O
Constant current output
OUT12
22
O
Constant current output
OUT13
23
O
Constant current output
OUT14
25
O
Constant current output
OUT15
26
O
Constant current output
6, 14, 19, 24,
PGND
Power ground
27
Data shift clock. Note that the internal connections are switched by MODE (pin #30). At
SCLK
4
I
SCLK
↑, the shift-registers selected by MODE shift the data.
SIN
5
I
Data input of serial I/F
SOUT
28
O
Data output of serial I/F
VCC
32
Power supply voltage
XERR
29
O
Error output. XERR is open drain terminal. XERR gets L when LOD or TEF detected.
Data latch. Note that the internal connections are switched by MODE (pin #30). At XLAT
↑, the
XLAT
3
I
latches selected by MODE get new data.
Figure 2. Input Equivalent Circuit (BLANK, XLAT, SCLK, SIN, MODE)
Figure 3. Output Equivalent Circuit
5


Numéro de pièce similaire - TLC5923

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5923 TI1-TLC5923 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAP TI1-TLC5923DAP Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923DAPG4 TI1-TLC5923DAPG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
More results

Description similaire - TLC5923

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com