Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NZT605 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce NZT605
Description  NPN Darlington Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NZT605 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  NZT605 Datasheet HTML 1Page - Fairchild Semiconductor NZT605 Datasheet HTML 2Page - Fairchild Semiconductor NZT605 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, June 2003
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1. These ratings are baseed on a maximum junction temperature of 150 degrees C.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics T
C=25°C unless otherwise noted
Thermal Characteristics T
A=25°C unless otherwise noted
* Device mounted on FR-4 PCB 36mm
× 18mm × 1.5mm; mounting pad for the collector lead min. 6cm2
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
110
V
VCBO
Collector-Base Voltage
140
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
- Continuous
1.5
A
TJ, TSTG
Operating and Storage Junction Temperature Range
- 55 ~ +150
°C
Symbol
Parameter
Test Conditions
Min.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Breakdown Voltage *
IC = 10mA, IB = 0
110
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100µA, IE = 0
140
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 100µA, IC = 0
10
V
ICBO
Collector Cutoff Current
VCB = 120V, IE = 0
10
nA
ICES
Collector Cutoff Current
VCE = 120V, IE = 0
10
nA
IEBO
Emitter Cutoff Current
VEB = 8.0V, IC = 0
100
nA
On Characteristics *
hFE
DC Current Gain
IC = 50mA, VCE = 5.0V
IC = 500mA, VCE = 5.0V
IC = 1.0A, VCE = 5.0V
IC = 2.0A, VCE = 5.0V
2000
5000
2000
500
100K
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 250mA, IB = 0.25mA
IC = 1.0A, IB = 1.0mA
1
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 1.0A, IB = 1.0mA
1.8
V
VBE(on)
Base-Emitter On Voltage
IC = 1.0A, VCE = 5.0V
1.7
V
Small Signal Characteristics
fT
Transition Frequency
IC = 100mA, VCE = 10V, f = 20MHz
150
MHz
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25
°C
1,000
8.0
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
125
°C/W
NZT605
NPN Darlington Transistor
• This device designed for applications requiring extremely high gain at
collector currents to 1.0A and high breakdown voltage.
• Sourced from process 06.
SOT-223
1. Base 2.4. Collector 3. Emitter
1
2
4
3


Numéro de pièce similaire - NZT605

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NZT605 FAIRCHILD-NZT605 Datasheet
83Kb / 4P
   NPN Darlington Transistor
NZT605 FAIRCHILD-NZT605_07 Datasheet
83Kb / 4P
   NPN Darlington Transistor
More results

Description similaire - NZT605

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com