Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VND7012AY Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce VND7012AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7012AY Fiches technique(HTML) 4 Page - STMicroelectronics

  VND7012AY Datasheet HTML 1Page - STMicroelectronics VND7012AY Datasheet HTML 2Page - STMicroelectronics VND7012AY Datasheet HTML 3Page - STMicroelectronics VND7012AY Datasheet HTML 4Page - STMicroelectronics VND7012AY Datasheet HTML 5Page - STMicroelectronics VND7012AY Datasheet HTML 6Page - STMicroelectronics VND7012AY Datasheet HTML 7Page - STMicroelectronics VND7012AY Datasheet HTML 8Page - STMicroelectronics VND7012AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
List of figures
VND7012AY
4/45
DocID027407 Rev 4
List of figures
Figure 1: Block diagram ..............................................................................................................................5
Figure 2: Configuration diagram (top view).................................................................................................6
Figure 3: Current and voltage conventions.................................................................................................7
Figure 4: IOUT/ISENSE vs. IOUT.............................................................................................................17
Figure 5: Current sense precision vs. IOUT .............................................................................................17
Figure 6: Switching times and Pulse skew ...............................................................................................18
Figure 7: MultiSense timings (current sense mode) .................................................................................18
Figure 8: MultiSense timings (chip temperature and VCC sense mode) .................................................19
Figure 9: TDSKON....................................................................................................................................19
Figure 10: OFF-state output current .........................................................................................................21
Figure 11: Standby current .......................................................................................................................21
Figure 12: IGND(ON) vs. Iout ...................................................................................................................21
Figure 13: Logic Input high level voltage ..................................................................................................21
Figure 14: Logic Input low level voltage....................................................................................................21
Figure 15: High level logic input current ...................................................................................................21
Figure 16: Low level logic input current ....................................................................................................22
Figure 17: Logic Input hysteresis voltage .................................................................................................22
Figure 18: FaultRST Input clamp voltage .................................................................................................22
Figure 19: Undervoltage shutdown ...........................................................................................................22
Figure 20: On-state resistance vs. Tcase .................................................................................................22
Figure 21: On-state resistance vs. VCC ...................................................................................................22
Figure 22: Turn-on voltage slope ..............................................................................................................23
Figure 23: Turn-off voltage slope ..............................................................................................................23
Figure 24: Won vs. Tcase .........................................................................................................................23
Figure 25: Woff vs. Tcase .........................................................................................................................23
Figure 26: ILIMH vs. Tcase.......................................................................................................................23
Figure 27: OFF-state open-load voltage detection threshold ...................................................................23
Figure 28: Vsense clamp vs. Tcase..........................................................................................................24
Figure 29: Vsenseh vs. Tcase ..................................................................................................................24
Figure 30: Application diagram .................................................................................................................26
Figure 31: Simplified internal structure .....................................................................................................26
Figure 32: MultiSense and diagnostic
– block diagram ............................................................................28
Figure 33: MultiSense block diagram .......................................................................................................29
Figure 34: Analogue HSD
– open-load detection in off-state ...................................................................30
Figure 35: Open-load / short to VCC condition.........................................................................................31
Figure 36: GND voltage shift ....................................................................................................................32
Figure 37: Maximum turn off current versus inductance ..........................................................................33
Figure 38: PowerSSO-36 PCB board .......................................................................................................34
Figure 39: Rthj-amb vs PCB copper area in open box free air condition (one channel on) .....................35
Figure 40: PowerSSO-16 thermal impedance junction ambient single pulse (one channel on) ..............36
Figure 41: Thermal fitting model of a double-channel HSD in PowerSSO-16..........................................36
Figure 42: PowerSSO-36 package outline ...............................................................................................38
Figure 43: PowerSSO-36 reel 13" ............................................................................................................40
Figure 44: PowerSSO-36 carrier tape ......................................................................................................41
Figure 45: PowerSSO-36 schematic drawing of leader and trailer tape ..................................................42
Figure 46: PowerSSO-36 marking information .........................................................................................42


Numéro de pièce similaire - VND7012AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
More results

Description similaire - VND7012AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
VND7004AY STMICROELECTRONICS-VND7004AY Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7030AJ STMICROELECTRONICS-VND7030AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 2
VN7140AJ STMICROELECTRONICS-VN7140AJ Datasheet
2Mb / 55P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 3
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
   High-side driver with MultiSense analog feedback for automotive applications
Rev 7 - January 2020
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com