Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VND7012AY Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce VND7012AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7012AY Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button VND7012AY Datasheet HTML 10Page - STMicroelectronics VND7012AY Datasheet HTML 11Page - STMicroelectronics VND7012AY Datasheet HTML 12Page - STMicroelectronics VND7012AY Datasheet HTML 13Page - STMicroelectronics VND7012AY Datasheet HTML 14Page - STMicroelectronics VND7012AY Datasheet HTML 15Page - STMicroelectronics VND7012AY Datasheet HTML 16Page - STMicroelectronics VND7012AY Datasheet HTML 17Page - STMicroelectronics VND7012AY Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Electrical specification
VND7012AY
14/45
DocID027407 Rev 4
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tD_OL_V
Settling time for valid
OFF-state open load
diagnostic indication
from rising edge of
SEn
VIN0 = 0 V; VIN1 = 0 V;
VFR = 0 V; VSEL0 = 0 V;
VSEL1 = 0 V;
VOUT0 = 4 V; VSEn = 0 V
to 5 V
60
µs
tD_VOL
Off-state diagnostic
delay time from rising
edge of VOUT
VSEn = 5 V; ChX OFF
ChX diagnostic selected
E.g: Ch0
VIN0 = 0 V;
VSEL0 = 0 V;
VSEL1 = 0 V;
VOUT = 0 V to 4 V
5
30
µs
Chip temperature analog feedback
VSENSE_TC
MultiSense output
voltage proportional to
chip temperature
VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 5 V;
VIN0,1 = 0 V;
RSENSE = 1
KΩ; Tj = -
40°C
2.325
2.41
2.495
V
VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 5 V;
VIN0,1 = 0 V;
RSENSE = 1
kΩ;
Tj = 25°C
1.985
2.07
2.155
V
VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 5 V;
VIN0,1 = 0 V;
RSENSE = 1
kΩ;
Tj = 125°C
1.435
1.52
1.605
V
dVSENSE_TC/dT(1)
Temperature
coefficient
Tj = -40°C to 150°C
-5.5
mV/K
Transfer function
VSENSE_TC (T) = VSENSE_TC (T0) + dVSENSE_TC / dT * (T - T0)
VCC supply voltage analog feedback
VSENSE_VCC
MultiSense output
voltage proportional to
VCC supply voltage
VCC = 13 V; VSEn = 5 V;
VSEL0 = 5 V;
VSEL1 = 5 V;
VIN0,1 = 0 V;
RSENSE = 1
3.16
3.23
3.3
V
Transfer function (3)
VSENSE_VCC = VCC / 4
Fault diagnostic feedback (see Table 10: "Truth table")
VSENSEH
MultiSense output
voltage in fault
condition
VCC = 13 V;
RSENSE = 1
kΩ;
E.g: Ch0 in open
load
VIN0 = 0 V;
VSEn = 5 V;
VSEL0 = 0 V;
VSEL1 = 0 V;
IOUT0 = 0 A;
VOUT = 4 V
5
6.6
V


Numéro de pièce similaire - VND7012AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
More results

Description similaire - VND7012AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7012AY-E STMICROELECTRONICS-VND7012AY-E Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2014 Rev 6
VND7004AY STMICROELECTRONICS-VND7004AY Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND7030AJ STMICROELECTRONICS-VND7030AJ Datasheet
1Mb / 46P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 2
VN7140AJ STMICROELECTRONICS-VN7140AJ Datasheet
2Mb / 55P
   High-side driver with MultiSense analog feedback for automotive applications
October 2016 Rev 3
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
   High-side driver with MultiSense analog feedback for automotive applications
Rev 7 - January 2020
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
   High-side driver with MultiSense analog feedback for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com