Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11690 Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LB11690
Description  Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11690 Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LB11690 Datasheet HTML 5Page - Sanyo Semicon Device LB11690 Datasheet HTML 6Page - Sanyo Semicon Device LB11690 Datasheet HTML 7Page - Sanyo Semicon Device LB11690 Datasheet HTML 8Page - Sanyo Semicon Device LB11690 Datasheet HTML 9Page - Sanyo Semicon Device LB11690 Datasheet HTML 10Page - Sanyo Semicon Device LB11690 Datasheet HTML 11Page - Sanyo Semicon Device LB11690 Datasheet HTML 12Page - Sanyo Semicon Device LB11690 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
No. 7543-9/19
LB11690, 11690H
Continued from preceding page.
Pin No.
Pin Name
Pin description
Equivalent circuit
PWM oscillator frequency setting
Insert a capacitor between this pin and ground.
20 (24)
PWM
V5
300
20
Hall sensor signal one-shot multi-pulse output
21 (25)
FV
V5
300
21
Hall sensor signal one-shot multi-pulse amplitude setting
Insert a resistor between this pin and the V5 pin, and a
capacitor between this pin and ground.
22 (26)
RC
V5
300
22
Hall sensor signal three-phase synthesized output
(Open collector output)
23 (27)
HP
V5
23
Continued on next page.


Numéro de pièce similaire - LB11690

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
   Three-Phase Brushless Motor Driver for 24 V Fan Motors
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
More results

Description similaire - LB11690

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
Sanyo Semicon Device
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com