Moteur de recherche de fiches techniques de composants électroniques |
|
TSB41BA3APFP Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TSB41BA3APFP Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 66 page TSB41BA3A IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER SLLS618B − JUNE 2004 − REVISED AUGUST 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Fully Supports Provisions of IEEE 1394b-2002 at S100, S100B, S200, S200B, S400, and S400B Signaling Rates (B Signifies 1394b Signaling) D Fully Supports Provisions of IEEE 1394a-2000 and 1394-1995 Standards for High Performance Serial Bus D Fully Interoperable With Firewire, DTVLink , SB1394, DishWire, and i.LINK Implementation of IEEE Std 1394 D Provides Three Fully Backward Compatible, (1394a-2000 Fully Compliant) Bilingual 1394b Cable Ports at 400 Megabits per Second (Mbits/s) D Same Three Fully Backward Compatible Ports Are 1394a-2000 Fully Compliant Cable Ports at 100/200/400 Mbits/s D Full 1394a-2000 Support Includes: − Connection Debounce − Arbitrated Short Reset − Multispeed Concatenation − Arbitration Acceleration − Fly-By Concatenation − Port Disable/Suspend/Resume − Extended Resume Signaling for Compatibility With Legacy DV Devices D Power-Down Features to Conserve Energy in Battery Powered Applications D Low-Power Automotive Sleep Mode Support D Fully Compliant With Open Host Controller Interface (OHCI) Requirements D Cable Power Presence Monitoring D Cable Ports Monitor Line Conditions for Active Connection to Remote Node D Register Bits Give Software Control of Contender Bit, Power Class Bits, Link Active Control Bit, and 1394a-2000 Features D Data Interface to Link-Layer Controller Pin Selectable From 1394a-2000 Mode (2/4/8 Parallel Bits at 49.152 MHz) or 1394b Mode (Eight Parallel Bits at 98.304 MHz) D Interface to Link-Layer Controller Supports Low Cost Texas Instruments Bus-Holder Isolation D Interoperable With Link-Layer Controllers Using 3.3-V Supplies D Interoperable With Other 1394 Physical Layers (PHYs) Using 1.8-V, 3.3-V, and 5-V Supplies D Low Cost 49.152-MHz Crystal Provides Transmit and Receive Data at 100/200/400 Mbits/s and Link-Layer Controller Clock at 49.152 MHz and 98.304 MHz D Separate Bias (TPBIAS) for Each Port D Low Cost, High Performance 80-Pin TQFP (PFP) Thermally Enhanced Package D Software Device Reset (SWR) D Fail-Safe Circuitry Senses Sudden Loss of Power to the Device and Disables the Ports to Ensure That the TSB41BA3A Does Not Load the TPBIAS of Any Connected Device and Blocks Any Leakage From the Port Back to Power Plane D The TSB41BA3A Has a 1394a-2000 Compliant Common-Mode Noise Filter on the Incoming Bias Detect Circuit to Filter Out Cross-Talk Noise D Cable/Transceiver Hardware Speed and Port Mode Are Selectable by Pin States D Supports Connection to CAT5 Cable Transceiver by Allowing Ports to be Forced to Beta-Only 100 Mbits/s only D Supports Connection to S200 Plastic Optical Fiber Transceivers by Allowing Ports to be Forced to 1394b Beta-Only 200 Mbits/s and S100 Mbits/s Only D Optical Signal Detect Input for All Ports in Beta Mode Enables Connection to Optical Transceivers D Supports Use of 1394a Connectors by Allowing Ports 1 and 2 to Be Forced to 1394a-Only Mode Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thompson, Limited. i.LINK is a trademark of Sony Corporation. FireWire is a trademark of Apple Computer Incorporated. |
Numéro de pièce similaire - TSB41BA3APFP |
|
Description similaire - TSB41BA3APFP |