Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CZT3055 Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce CZT3055
Description  2.0W SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT3055 Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  CZT3055 Datasheet HTML 1Page - Central Semiconductor Corp CZT3055 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCER
70
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7.0
V
Collector Current
IC
6.0
A
Base Current
IB
3.0
A
Power Dissipation
PD
2.0
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEO
VCE=30V
700
µA
ICEV
VCE=100V, VEB=1.5V
1.0
mA
IEBO
VEB=7.0V
5.0
mA
BVCER
IC=30mA, RBE=100Ω
70
V
BVCEO
IC=30mA
60
V
* VCE(SAT) IC=4.0A, IB=400mA
1.1
V
* VBE(ON) VCE=4.0V, IC=4.0A
1.5
V
* hFE
VCE=4.0V, IC=4.0A
20
70
* hFE
VCE=4.0V, IC=6.0A
5.0
fT
VCE=10V, IC=500mA, f=1.0MHz
2.5
MHz
* Pulsed, 2% D.C.
CZT2955 PNP
CZT3055 NPN
2.0W SURFACE MOUNT
COMPLEMENTARY SILICON
POWER TRANSISTOR
SOT-223 CASE
Central
Semiconductor Corp.
TM
R3 (17-June 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT2955
and CZT3055 types are surface mount epoxy
molded complementary silicon transistors
manufactured by the epitaxial base process,
designed for surface mounted power amplifier
applications up to 6.0 amps.
MARKING CODE: FULL PART NUMBER


Numéro de pièce similaire - CZT3055

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
CZT3055 KEXIN-CZT3055 Datasheet
39Kb / 1P
   2.0W Surface Mount Complementary NPN Silicon Power Transistor
logo
Central Semiconductor C...
CZT3055 CENTRAL-CZT3055 Datasheet
604Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT3055 CENTRAL-CZT3055 Datasheet
604Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Nanjing International G...
CZT3055 DGNJDZ-CZT3055 Datasheet
219Kb / 1P
   High Current
CZT3055 DGNJDZ-CZT3055 Datasheet
235Kb / 1P
   SOT-223 Plastic-Encapsulate Transistors
More results

Description similaire - CZT3055

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
KZT3055 KEXIN-KZT3055 Datasheet
39Kb / 1P
   2.0W Surface Mount Complementary NPN Silicon Power Transistor
KZT2955 KEXIN-KZT2955 Datasheet
39Kb / 1P
   2.0W Surface Mount Complementary PNP Silicon Power Transistor
logo
Central Semiconductor C...
CZT31CNPN CENTRAL-CZT31CNPN Datasheet
105Kb / 2P
   2.0W COMPLEMENTARY SILICON
CMNT3904E CENTRAL-CMNT3904E_15 Datasheet
369Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTOR
CMST3904 CENTRAL-CMST3904 Datasheet
118Kb / 2P
   SURFACE MOUNT SUPERmini COMPLEMENTARY SILICON TRANSISTOR
MMPQ6502 CENTRAL-MMPQ6502 Datasheet
141Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON QUAD TRANSISTOR
CJD41C CENTRAL-CJD41C_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD340 CENTRAL-CJD340_10 Datasheet
424Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD44H11 CENTRAL-CJD44H11_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_15 Datasheet
604Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com