Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N2990RC Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce 1N2990RC
Description  10 WATT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N2990RC Fiches technique(HTML) 2 Page - Microsemi Corporation

  1N2990RC Datasheet HTML 1Page - Microsemi Corporation 1N2990RC Datasheet HTML 2Page - Microsemi Corporation 1N2990RC Datasheet HTML 3Page - Microsemi Corporation 1N2990RC Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10 WATT ZENER DIODES
SCOTTSD A L E DIVISION
1N2970 thru 1N3015B
and 1N3993 thru 1N4000A
ELECTRICAL CHARACTERISTICS @ 30oC Case Temperature
MAX. DYNAMIC
IMPEDANCE
(Note 3)
MAX**
REVERSE
CURRENT
IR
@
VR
JEDEC
TYPE NO.
(Note 1)
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
(Note 2)
Volts
ZENER
TEST
CURRENT
(
IZT)
mA
ZZT @ IZT
OHMS
ZZK @
1mA (IZK)
OHMS
MAX. DC ZENER
CURRENT
(
IZM) @ 75
oC
Stud Temp.
(Note 4)
mA
TYPICAL
TEMP.
COEFF.
αVZ
%/
oC
µA
Volts
POLARITY
†1N3993A
†1N3994A
†1N3995A
†1N3996A
†1N3997A
†1N3998A
†1N3999A
†1N4000A
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
640
580
530
490
445
405
370
335
2.0
1.5
1.2
1.1
1.0
1.1
1.2
1.3
400
400
500
550
600
750
500
250
2380
2130
1940
1780
1620
1460
1330
1210
-.046
-.033
-.015
+/-.010
+.030
+.049
+.040
+.045
100
100
50
10
10
10
10
10
0.5
0.5
1.0
1.0
1.0
2.0
2.0
3.0
STD.
POLARITY
CATHODE
TO
STUD
†1N2970B
†1N2971B
†1N2972B
†1N2973B
†1N2974B
†1N2975B
6.8
7.5
8.2
9.1
10
11
370
335
305
275
250
230
1.2
1.3
1.5
2.0
3
3
500
250
250
250
250
250
1320
1180
1040
960
860
780
.040
.045
.048
.051
.055
.060
150
100
50
25
25
10
5.2
5.7
6.2
6.9
7.6
8.4
†1N2976B
†1N2977B
1N2978B
†1N2979B
†1N2980B
1N2981B
12
13
14
15
16
17
210
190
180
170
155
145
3
3
3
3
4
4
250
250
250
250
250
250
720
660
600
560
530
500
.065
.065
.070
.070
.070
.075
10
10
10
10
10
10
9.1
9.9
10.5
11.4
12.2
13.0
†1N2982B
1N2983B
†1N2984B
†1N2985B
†1N2986B
1N2987B
18
19
20
22
24
25
140
130
125
115
105
100
4
4
4
5
5
6
250
250
250
250
250
250
460
440
420
380
350
310
.075
.075
.075
.080
.080
.080
10
10
10
10
10
10
13.7
14.0
15.2
16.7
18.2
18.2
†1N2988B
†1N2989B
†1N2990B
†1N2991B
†1N2992B
†1N2993B
27
30
33
36
39
43
95
85
75
70
65
60
7
8
9
10
11
12
250
300
300
300
300
400
300
280
260
230
210
195
.085
.085
.085
.085
.090
.090
10
10
10
10
10
10
20.6
22.8
25.1
27.4
29.7
32.7
1N2994B
†1N2995B
1N2996B
†1N2997B
1N2998B
†1N3099B
†1N3000B
45
47
50
51
52
56
62
55
55
50
50
50
45
40
13
14
15
15
15
16
17
400
400
500
500
500
500
600
185
175
165
160
160
150
130
.090
.090
.090
.090
.090
.090
.090
10
10
10
10
10
10
10
33.0
35.8
36.0
38.8
39.0
42.6
47.1
†1N3001B
†1N3002B
†1N3003B
†1N3004B
†1N3005B
1N3006B
†1N3007B
68
75
82
91
100
105
110
37
33
30
28
25
25
23
18
22
25
35
40
45
55
600
600
700
800
900
1000
1100
120
110
100
85
80
75
72
.090
.090
.090
.090
.090
.095
.095
10
10
10
10
10
10
10
51.7
56.0
62.2
69.2
76.0
76.0
83.6
†1N3008B
†1N3009B
1N3010B
†1N3011B
†1N3012B
1N3013B
†1N3014B
†1N3015B
120
130
140
150
160
175
180
200
20
19
18
17
16
14
14
12
75
100
125
175
200
250
260
300
1200
1300
1400
1500
1600
1750
1850
2000
67
62
58
54
50
46
45
40
.095
.095
.095
.095
.095
.095
.095
.100
10
10
10
10
10
10
10
10
91.2
98.8
100.0
114.0
121.6
135.0
136.8
152.0
STD.
POLARITY
ANODE
TO STUD
*JEDEC Registered Data.
**Not JEDEC Data.
†Have JAN and JANTX Qualifications to MIL-PRF-19500/124.
See further notes on following page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
11-12-2003 REV A


Numéro de pièce similaire - 1N2990RC

FabricantNo de pièceFiches techniqueDescription
logo
Naina Semiconductor ltd...
1N2990R NAINA-1N2990R Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N2990RB NJSEMI-1N2990RB Datasheet
90Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
More results

Description similaire - 1N2990RC

FabricantNo de pièceFiches techniqueDescription
logo
Digitron Semiconductors
1N2970 DIGITRON-1N2970 Datasheet
184Kb / 3P
   10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2970B NAINA-1N2970B Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Microsemi Corporation
1N2970 MICROSEMI-1N2970 Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com