Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HC366M96 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
CD74HC366M96 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 13 page 1 Data sheet acquired from Harris Semiconductor SCHS180C Features • Buffered Inputs • High Current Bus Driver Outputs • Typical Propagation Delay tPLH,tPHL = 8ns at VCC =5V, CL = 15pF, TA = 25 oC • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The ’HC365, ’HCT365, and ’HC366 silicon gate CMOS three- state buffers are general purpose high-speed non-inverting and inverting buffers. They have high drive current outputs which enable high speed operation even when driving large bus capacitances. These circuits possess the low power dissipation of CMOS circuitry, yet have speeds comparable to low power Schottky TTL circuits. Both circuits are capable of driving up to 15 low power Schottky inputs. The ’HC365 and ’HCT365 are non-inverting buffers, whereas the ’HC366 is an inverting buffer. These devices have two three-state control inputs (OE1 and OE2) which are NORed together to control all six gates. The ’HCT365 logic families are speed, function and pin compatible with the standard LS logic family. Pinout CD54HC365, CD54HCT365, CD54HC366 (CERDIP) CD74HC365, CD74HCT365, CD74HC366 (PDIP, SOIC) TOP VIEW Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC365F3A -55 to 125 16 Ld CERDIP CD54HC366F3A -55 to 125 16 Ld CERDIP CD54HCT365F3A -55 to 125 16 Ld CERDIP CD74HC365E -55 to 125 16 Ld PDIP CD74HC365M -55 to 125 16 Ld SOIC CD74HC365MT -55 to 125 16 Ld SOIC CD74HC365M96 -55 to 125 16 Ld SOIC CD74HC366E -55 to 125 16 Ld PDIP CD74HC366M -55 to 125 16 Ld SOIC CD74HC366M96 -55 to 125 16 Ld SOIC CD74HCT365E -55 to 125 16 Ld PDIP CD74HCT365M -55 to 125 16 Ld SOIC CD74HCT365MT -55 to 125 16 Ld SOIC CD74HCT365M96 -55 to 125 16 Ld SOIC NOTE: When ordering, use the entire part number. The suffix 96 denotes tape and real. The suffix T denotes a small-quantity reel of 250. 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 OE1 1A (1Y) 1Y 2A (2Y) 2Y 3A GND (3Y) 3Y VCC 6A 6Y (6Y) 5A 5Y (5Y) 4A 4Y (4Y) OE2 November 1997 - Revised October 2003 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD54/74HC365, CD54/74HCT365, CD54/74HC366 High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting [ /Title (CD74 HC365 , CD74 HCT36 5, CD74 HC366 , CD74 HCT36 6) /Sub- ject (High Speed |
Numéro de pièce similaire - CD74HC366M96 |
|
Description similaire - CD74HC366M96 |