Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8021AR Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8021AR
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8021AR Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8021AR Datasheet HTML 3Page - Analog Devices AD8021AR Datasheet HTML 4Page - Analog Devices AD8021AR Datasheet HTML 5Page - Analog Devices AD8021AR Datasheet HTML 6Page - Analog Devices AD8021AR Datasheet HTML 7Page - Analog Devices AD8021AR Datasheet HTML 8Page - Analog Devices AD8021AR Datasheet HTML 9Page - Analog Devices AD8021AR Datasheet HTML 10Page - Analog Devices AD8021AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. D
AD8021
–7–
FREQUENCY – Hz
0.1M
1G
1M
10M
100M
9
8
7
6
5
4
3
2
1
0
G = 2
RL = 100
1k
10
TPC 7. Large Signal Frequency Response vs.
Frequency and Load, Noninverting. See Test
Circuit 2.
FREQUENCY – Hz
1G
1M
10M
100M
9
8
7
6
5
4
3
2
1
0
G = 2
+85 C
VOUT =
50mV p-p
–40 C
+25 C
+85 C
–40 C
+25 C
–1
VOUT =
2V p-p
TPC 8. Frequency Response vs. Frequency,
Temperature and VOUT, Noninverting.
See Test Circuit 1.
FREQUENCY – Hz
1G
1M
10M
100M
15
12
9
6
3
0
–3
–6
–9
–12
G = 2
18
50pF
30pF
20pF
10pF
0pF
TPC 9. Small Signal Frequency Response vs.
Frequency and Capacitive Load, Noninverting,
VOUT = 50 mV p-p. See Test Circuit 2 and Figure 16.
FREQUENCY – Hz
1G
0.1M
10M
100M
9
8
7
6
5
4
3
2
1
0
G = 2
RF = RG
10
RF = 1k
RF = 499
RF = 250
RF = 150
RF = 75
RF = 1k AND CF = 2.2pF
1M
TPC 10. Small Signal Frequency Response vs.
Frequency and RF, Noninverting, VOUT = 50 mV p-p.
See Test Circuit 1.
FREQUENCY – Hz
0.1M
1G
1M
10M
100M
12
9
6
3
0
–3
–6
–9
–12
–15
G = 2
RS = 49.9
15
RS = 100
RS = 249
TPC 11. Small Signal Frequency Response vs.
Frequency and RS, Noninverting, VOUT = 50 mV p-p.
See Test Circuit 1.
FREQUENCY – Hz
100k
1G
1M
10M
100M
100
90
80
70
60
50
40
30
20
10
0
90
45
0
–45
–90
–135
135
180
10k
TPC 12. Open-Loop Gain and Phase vs.
Frequency, RG =100
Ω, RF = 1 kΩ, RO = 976 Ω,
RD = 53.6
Ω, CC = 0 pF. See Test Circuit 3.


Numéro de pièce similaire - AD8021AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8021AR AD-AD8021AR Datasheet
585Kb / 28P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021AR-REEL AD-AD8021AR-REEL Datasheet
585Kb / 28P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021AR-REEL7 AD-AD8021AR-REEL7 Datasheet
585Kb / 28P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021ARM AD-AD8021ARM Datasheet
585Kb / 28P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021ARM-REEL AD-AD8021ARM-REEL Datasheet
585Kb / 28P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results

Description similaire - AD8021AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8021 AD-AD8021_06 Datasheet
585Kb / 28P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP37GPZ AD-OP37GPZ Datasheet
490Kb / 16P
   Low Noise, Precision, High Speed tional Amplifier
REV. B
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
logo
Texas Instruments
MC33078-EP TI-MC33078-EP Datasheet
726Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com