Moteur de recherche de fiches techniques de composants électroniques |
|
PE3956-24 Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc. |
|
PE3956-24 Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc. |
2 / 4 page 2 Connectors Description Connector 1 Connector 2 Type SMA Male SMA Female Bulkhead Specification MIL-STD-348A Impedance 50 Ohms 50 Ohms Contact Material and Plating Brass, Gold Contact Plating Specification 50µ in. minimum Dielectric Type Teflon Body Material and Plating Brass, Nickel Brass, Nickel Body Plating Specification 100µ in. minimum Coupling Nut Material and Plating Brass, Nickel Coupling Nut Plating Specification 100µ in. minimum Hex Size 5/16 in Torque 5 in-lbs [0.57 Nm] . Mechanical Specification Notes: *All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater. Compliance Certifications (see product page for current document) Plotted and Other Data Notes: • Values at 25°C, sea level. PE3956-24 REV 1.1 Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: SMA Male to SMA Female Bulkhead Cable 24 Inch Length Using RG58 Coax PE3956-24 RF Cable Assemblies Technical Data Sheet PE3956-24 SMA Male to SMA Female Bulkhead Cable 24 Inch Length Using RG58 Coax |
Numéro de pièce similaire - PE3956-24 |
|
Description similaire - PE3956-24 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |