Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT9M114 Fiches technique(PDF) 29 Page - ON Semiconductor

No de pièce MT9M114
Description  High?륞efinition (HD) System?륮n?륾?륝hip (SOC) Digital Image Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M114 Fiches technique(HTML) 29 Page - ON Semiconductor

Back Button MT9M114_1 Datasheet HTML 25Page - ON Semiconductor MT9M114_1 Datasheet HTML 26Page - ON Semiconductor MT9M114_1 Datasheet HTML 27Page - ON Semiconductor MT9M114_1 Datasheet HTML 28Page - ON Semiconductor MT9M114_1 Datasheet HTML 29Page - ON Semiconductor MT9M114_1 Datasheet HTML 30Page - ON Semiconductor MT9M114_1 Datasheet HTML 31Page - ON Semiconductor MT9M114_1 Datasheet HTML 32Page - ON Semiconductor MT9M114_1 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
MT9M114
www.onsemi.com
29
50 Hz environment), flicker cannot be avoided. The
MT9M114 supports an indoor AE mode, that will ensure
flicker-free operation (VAR8 = 18, 0x0078[0] = 0x1 or
REG = 0xC878[0] = 0x1). The MT9M114 will calculate all
flicker parameters based on the sensor settings which are
programmed in the Cam Control variables. This means the
user only needs to select if 50- or 60-Hz flicker needs to be
avoided (VAR 0x12, 0x008B or R0xC88B = 50 for 50-Hz
flicker avoidance and 60 for 60-Hz avoidance).
Output Conversion and Formatting
The YUV data stream can either exit the color pipeline as
is or be converted before exit to an alternative YUV or RGB
data format.
Color Conversion Formulas
Y’U’V’:
This conversion is BT 601 scaled to make YUV range
from 0 through 255. This setting is recommended for JPEG
encoding and is the most popular, although it is not well
defined and often misused in various operating systems.
Y
+ 0.299
R
) 0.587
G
) 0.114
B
(eq. 1)
U
+ 0.564
(B
* Y ) ) 128
(eq. 2)
V
+ 0.713
(R
* Y ) ) 128
(eq. 3)
There is an option where 128 is not added to U’V’.
Y’Cb’Cr’ Using sRGB Formulas:
The MT9M114 implements the sRGB standard. This
option provides YCbCr coefficients for a correct 4:2:2
transmission.
NOTE:
16 < Y601< 235; 16 < Cb < 240; 16 < Cr < 240;
and 0 < = RGB < = 255.
Y
+ (0.2126
R
) 0.7152
G
) 0.0722
B )
(eq. 4)
(219 256)
) 16
Cb
+ 0.5389
(B
* Y )
(224 256)
) 128
(eq. 5)
Cr
+ 0.635
(R
* Y )
(224 256)
) 128
(eq. 6)
Y’U’V’ Using sRGB Formulas:
These are similar to the previous set of formulas, but have
YUV spanning a range of 0 through 255.
Y
+ 0.2126
R
) 0.7152
G
) 0.0722
B
(eq. 7)
U
+ 0.5389
(B
* Y ) ) 128 +
(eq. 8)
+* 0.1146
R
* 0.3854
G
) 0.5
B
) 128
V
+ 0.635
(R
* Y ) ) 128 +
(eq. 9)
+ 0.5
R
* 0.4542
G
* 0.0458
B
) 128
There is an option to disable adding 128 to U’V’.
The reverse transform is as follows:
R
+ Y ) 1.5748
(V
* 128)
(eq. 10)
G
+ Y * 0.1873
(U
* 128) * 0.4681
(V
* 128) (eq. 11)
B
+ Y ) 1.8556
(U
* 128)
(eq. 12)
Uncompressed YUV/RGB Data Ordering
The MT9M114 supports swapping YCbCr mode, as
illustrated in Table 14.
Table 14. YCbCr OUTPUT DATA ORDERING
Mode
Data Sequence
Default (No Swap)
Cbi
Yi
Cri
Yi+1
Swapped CrCb
Cri
Yi
Cbi
Yi+1
Swapped YC
Yi
Cbi
Yi+1
Cri
Swapped CrCb, YC
Yi
Cri
Yi+1
Cbi
The RGB output data ordering in default mode is shown
in Table 15. The odd and even bytes are swapped when
luma/chroma swap is enabled. R and B channels are bitwise
swapped when chroma swap is enabled.
Table 15. RGB ORDERING IN DEFAULT MODE
Mode (Swap Disabled)
Byte
D7 D6 D5 D4 D3 D2 D1 D0
565RGB
Odd
R7 R6 R5 R4 R3 G7 G6 G5
Even
G4 G3 G2 B7 B6 B5 B4 B3
555RGB
Odd
0 R7 R6 R5 R4 R3 G7 G6
Even
G4 G3 G2 B7 B6 B5 B4 B3
444xRGB
Odd
R7 R6 R5 R4 G7 G6 G5 G4
Even
B7 B6 B5 B4 0 0 0 0
x444RGB
Odd
0 0 0 0 R7 R6 R5 R4
Even
G7 G6 G5 G4 B7 B6 B5 B4


Numéro de pièce similaire - MT9M114_1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9M114 ONSEMI-MT9M114_16 Datasheet
2Mb / 62P
   High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
More results

Description similaire - MT9M114_1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9D115 ONSEMI-MT9D115_17 Datasheet
353Kb / 48P
   System?륮n?륾?륝hip (SOC) CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9D131 ONSEMI-MT9D131_16 Datasheet
615Kb / 102P
   System?륮n?륚?륝hip (SOC) CMOS Digital Image Sensor
November, 2016 ??Rev. 9
MT9V124 ONSEMI-MT9V124_17 Datasheet
420Kb / 27P
   1/13?륤nch System?륮n?륚?륝hip CMOS Digital Image Sensor
September, 2017 ??Rev. 4
MT9V115 ONSEMI-MT9V115_17 Datasheet
650Kb / 36P
   1/13?륤nch System?륮n?륚?륝hip CMOS Digital Image Sensor
November, 2017 ??Rev. 6
MT9M114 ONSEMI-MT9M114_16 Datasheet
2Mb / 62P
   High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
logo
Micron Technology
MT9V112 MICRON-MT9V112 Datasheet
834Kb / 58P
   SOC VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
AS260 ONSEMI-AS260 Datasheet
1Mb / 45P
   High-Definition (HD) Digital Image Sensor
Rev. G Pub. 4/15 EN
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
   Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
MT9V115 ONSEMI-MT9V115 Datasheet
1Mb / 51P
   Inch System-On-A-Chip (SOC) CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com