Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT9M114 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MT9M114
Description  High?륞efinition (HD) System?륮n?륾?륝hip (SOC) Digital Image Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M114 Fiches technique(HTML) 1 Page - ON Semiconductor

  MT9M114_1 Datasheet HTML 1Page - ON Semiconductor MT9M114_1 Datasheet HTML 2Page - ON Semiconductor MT9M114_1 Datasheet HTML 3Page - ON Semiconductor MT9M114_1 Datasheet HTML 4Page - ON Semiconductor MT9M114_1 Datasheet HTML 5Page - ON Semiconductor MT9M114_1 Datasheet HTML 6Page - ON Semiconductor MT9M114_1 Datasheet HTML 7Page - ON Semiconductor MT9M114_1 Datasheet HTML 8Page - ON Semiconductor MT9M114_1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
© Semiconductor Components Industries, LLC, 2016
December, 2016 − Rev. 12
1
Publication Order Number:
MT9M114/D
MT9M114
1/6‐inch 720p
High‐Definition (HD)
System‐On‐a‐Chip (SOC)
Digital Image Sensor
The MT9M114 from ON Semiconductor is a 1/6-inch 1.26 Mp
CMOS digital image sensor with an active-pixel array of 1296 (H)
×
976 (V). It includes sophisticated camera functions such as auto
exposure control, auto white balance, black level control, flicker
avoidance, and defect correction. It is designed for low light
performance. The MT9M114 produces extraordinarily clear, sharp
digital pictures, making it the perfect choice for a wide range of
applications, including mobile phones, PC and notebook cameras, and
gaming systems.
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Typical Value
Optical Format
1/6-inch
Active Pixels
1296 (H)
× 976 (V) = 1.26 Mp
Pixel Size
1.9
mm × 1.9 mm
Color Filter Array
RGB Bayer
Shutter
Electronic Rolling Shutter (ERS)
Input Clock Range
6–54 MHz
Output MIPI Data Rate Maximum
768 Mb/s
Max. Frame Rate
30 fps Full Res
36.7 fps 720p
75 fps VGA
120 fps QVGA (Note 2)
Responsivity
2.24 V/Lux−sec (550 nm)
SNRMAX
37 dB
Dynamic Range
70.8 dB
Supply Voltage
Digital
Analog
I/O
PLL
PHY
1.7−1.95 V
2.5−3.1 V
1.7−1.95 V or 2.5−3.1 V
2.5−3.1 V
1.7−1.95 V
Power Consumption
135 mW (Note 1)
Operating Temperature Range
(Ambient) − TA
–30
°C to 70°C
Chief Ray Angle
27.7
°
Active Imager Size
2.46 mm (H)
× 1.85 mm (V),
3.08 mm Diagonal
Package Options
Bare Die, CSP
1. Power consumption for typical voltages and 720p output.
2. Reduced FOV.
Features
Superior Low-light Performance
Ultra-low Power
720p HD Video at 30 fps
www.onsemi.com
Internal Master Clock Generated by On-chip
Phase-locked Loop (PLL) Oscillator
Electronic Rolling Shutter (ERS),
Progressive Scan
Integrated Image Flow Processor (IFP) for
Single-die Camera Module
Automatic Image Correction and
Enhancement
Arbitrary Image Scaling with Anti-aliasing
Two-wire Serial Interface Providing Access
to Registers and Microcontroller Memory
Selectable Output Data Format: YCbCr,
565RGB, 555RGB, 444RGB, Processed
Bayer, BT656, RAW8− and RAW8+2-bit
Parallel and MIPI Data Output
Independently Configurable Gamma
Correction
Adaptive Polynomial Lens Shading
Correction
UVC Interface
Perspective Correction
Multi-camera Synchronization
Applications
Embedded Notebook, Netbook, and Desktop
Monitor Cameras
Tethered PC Cameras
Game Consoles
Cell Phones, Mobile Devices, and Consumer
Video Communications
Surveillance, Medical, and Industrial
Applications
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
ODCSP55 4.7x3.9
CASE 570BP


Numéro de pièce similaire - MT9M114_1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9M114 ONSEMI-MT9M114_16 Datasheet
2Mb / 62P
   High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
More results

Description similaire - MT9M114_1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9D115 ONSEMI-MT9D115_17 Datasheet
353Kb / 48P
   System?륮n?륾?륝hip (SOC) CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9D131 ONSEMI-MT9D131_16 Datasheet
615Kb / 102P
   System?륮n?륚?륝hip (SOC) CMOS Digital Image Sensor
November, 2016 ??Rev. 9
MT9V124 ONSEMI-MT9V124_17 Datasheet
420Kb / 27P
   1/13?륤nch System?륮n?륚?륝hip CMOS Digital Image Sensor
September, 2017 ??Rev. 4
MT9V115 ONSEMI-MT9V115_17 Datasheet
650Kb / 36P
   1/13?륤nch System?륮n?륚?륝hip CMOS Digital Image Sensor
November, 2017 ??Rev. 6
MT9M114 ONSEMI-MT9M114_16 Datasheet
2Mb / 62P
   High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
logo
Micron Technology
MT9V112 MICRON-MT9V112 Datasheet
834Kb / 58P
   SOC VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
AS260 ONSEMI-AS260 Datasheet
1Mb / 45P
   High-Definition (HD) Digital Image Sensor
Rev. G Pub. 4/15 EN
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
   Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
MT9V115 ONSEMI-MT9V115 Datasheet
1Mb / 51P
   Inch System-On-A-Chip (SOC) CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com