Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT9M114 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce MT9M114
Description  High?륞efinition (HD) System?륮n?륾?륝hip (SOC) Digital Image Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M114 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button MT9M114_1 Datasheet HTML 5Page - ON Semiconductor MT9M114_1 Datasheet HTML 6Page - ON Semiconductor MT9M114_1 Datasheet HTML 7Page - ON Semiconductor MT9M114_1 Datasheet HTML 8Page - ON Semiconductor MT9M114_1 Datasheet HTML 9Page - ON Semiconductor MT9M114_1 Datasheet HTML 10Page - ON Semiconductor MT9M114_1 Datasheet HTML 11Page - ON Semiconductor MT9M114_1 Datasheet HTML 12Page - ON Semiconductor MT9M114_1 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
MT9M114
www.onsemi.com
9
Hard Reset
The MT9M114 enters the reset state when the external
RESET_BAR signal is asserted LOW, as shown in Figure 5.
All the output signals will be in High-Z state. When
OE_BAR is in HIGH state, the outputs pins will be High-Z
during the internal boot time
Figure 5. Hard Reset Operation
EXTCLK
RESET_BAR
SDATA
All Outputs
Mode
t1
Reset
Internal Boot Time
Entering Streaming Mode
Data Active Controlled
by OE_BAR
Data Active
t4
t2
t3
OE_BAR
Table 6. POWER-UP AND DOWER-DOWN SIGNAL TIMING
Symbol
Parameter
Min
Typ
Max
Unit
t1
RESET_BAR Pulse Width
50
EXTCLK
cycles
t2
Active EXTCLK Required after RESET_BAR Asserted
10
t3
Active EXTCLK Required before RESET_BAR De-asserted
10
t4
Internal Boot Time (Notes 1, 2)
44.5
ms
1. Under the condition of EXTCLK = 24MHz and default settings with CONFIG = 1.
2. The host should poll the Command register to determine when the device is initialized.


Numéro de pièce similaire - MT9M114_1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9M114 ONSEMI-MT9M114_16 Datasheet
2Mb / 62P
   High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
More results

Description similaire - MT9M114_1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9D115 ONSEMI-MT9D115_17 Datasheet
353Kb / 48P
   System?륮n?륾?륝hip (SOC) CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9D131 ONSEMI-MT9D131_16 Datasheet
615Kb / 102P
   System?륮n?륚?륝hip (SOC) CMOS Digital Image Sensor
November, 2016 ??Rev. 9
MT9V124 ONSEMI-MT9V124_17 Datasheet
420Kb / 27P
   1/13?륤nch System?륮n?륚?륝hip CMOS Digital Image Sensor
September, 2017 ??Rev. 4
MT9V115 ONSEMI-MT9V115_17 Datasheet
650Kb / 36P
   1/13?륤nch System?륮n?륚?륝hip CMOS Digital Image Sensor
November, 2017 ??Rev. 6
MT9M114 ONSEMI-MT9M114_16 Datasheet
2Mb / 62P
   High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
logo
Micron Technology
MT9V112 MICRON-MT9V112 Datasheet
834Kb / 58P
   SOC VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
AS260 ONSEMI-AS260 Datasheet
1Mb / 45P
   High-Definition (HD) Digital Image Sensor
Rev. G Pub. 4/15 EN
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
   Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
MT9V115 ONSEMI-MT9V115 Datasheet
1Mb / 51P
   Inch System-On-A-Chip (SOC) CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com