Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT9M034 Fiches technique(PDF) 33 Page - ON Semiconductor

No de pièce MT9M034
Description  1/3-Inch CMOS Digital Image Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M034 Fiches technique(HTML) 33 Page - ON Semiconductor

Back Button MT9M034_17 Datasheet HTML 29Page - ON Semiconductor MT9M034_17 Datasheet HTML 30Page - ON Semiconductor MT9M034_17 Datasheet HTML 31Page - ON Semiconductor MT9M034_17 Datasheet HTML 32Page - ON Semiconductor MT9M034_17 Datasheet HTML 33Page - ON Semiconductor MT9M034_17 Datasheet HTML 34Page - ON Semiconductor MT9M034_17 Datasheet HTML 35Page - ON Semiconductor MT9M034_17 Datasheet HTML 36Page - ON Semiconductor MT9M034_17 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
MT9M034
www.onsemi.com
33
DC ELECTRICAL CHARACTERISTICS
The DC electrical characteristics are shown in the tables
below.
Table 19. DC ELECTRICAL CHARACTERISTICS
Symbol
Definition
Condition
Min
Typ
Max
VDD
Core Digital Voltage
1.7
1.8
1.95
VDD_IO
I/O Digital Voltage
1.7 / 2.5
1.8 / 2.8
1.9 / 3.1
VAA
Analog Voltage
2.5
2.8
3.1
VAA_PIX
Pixel Supply Voltage
2.5
2.8
3.1
VDD_PLL
PLL Supply Voltage
2.5
2.8
3.1
VDD_SLVS
HiSPi Supply Voltage for SLVS Mode
0.3
0.4
0.6
VDD_SLVS
HiSPi Supply Voltage for HiVcm Mode
1.7
1.8
1.95
VIH
Input HIGH Voltage
VDD_IO × 0.7
VIL
Input LOW Voltage
VDD_IO × 0.3
IIN
Input Leakage Current
No pull−up resistor;
VIN = VDD_IO or DGND
20
VOH
Output HIGH Voltage
VDD_IO − 0.3
VOL
Output LOW Voltage
0.4
IOH
Output HIGH Current
At specified VOH
−22
IOL
Output LOW Current
At specified VOL
22
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
CAUTION: Stresses greater than those listed in Table 14 may
cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at
these or any other conditions above those indicated in
the operational sections of this specification is not
implied.
Table 20. ABSOLUTE MAXIMUM RATINGS
Symbol
Definition
Condition
Min
Max
Unit
VSUPPLY
Power Supply Voltage (All Supplies)
–0.3
4.5
V
VSUPPLY
ISUPPLY
Total Power Supply Current
200
mA
ISUPPLY
IGND
Total Ground Current
200
mA
IGND
VIN
DC Input Voltage
–0.3
VDD_IO + 0.3
V
VIN
VOUT
DC Output Voltage
–0.3
VDD_IO + 0.3
V
VOUT
TSTG (Note 1)
Storage Temperature
–40
+150
°C
TSTG (Note 1)
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. To keep dark current and shot noise artifacts from impacting image quality, keep operating temperature at a minimum.
Table 21. OPERATING CURRENT CONSUMPTION IN PARALLEL OUTPUT AND LINEAR MODE
Definition
Condition
Symbol
Min
Typ
Max
Unit
Digital Operating Current
Streaming, 1280x960 45 fps
IDD1
63
90
mA
I/O Digital Operating Current
Streaming, 1280x960 45 fps
IDD_IO
35
40
mA
Analog Operating Current
Streaming, 1280x960 45 fps
IAA
30
45
mA
Pixel Supply Current
Streaming, 1280x960 45 fps
IAA_PIX
10
15
mA
PLL Supply Current
Streaming, 1280x960 45 fps
IDD_PLL
7
15
mA
Digital Operating Current
Streaming, 720p 60 fps
IDD1
63
90
mA


Numéro de pièce similaire - MT9M034_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MT9M034I12STC-DPBR ONSEMI-MT9M034I12STC-DPBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034I12STC-DPBR1 ONSEMI-MT9M034I12STC-DPBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STC-DRBR ONSEMI-MT9M034I12STC-DRBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034I12STC-DRBR1 ONSEMI-MT9M034I12STC-DRBR1 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
MT9M034I12STM-DPBR ONSEMI-MT9M034I12STM-DPBR Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
More results

Description similaire - MT9M034_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
   1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
logo
Micron Technology
MT9M111 MICRON-MT9M111 Datasheet
804Kb / 61P
   1/3-INCH SOC MEGAPIXEL CMOS DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
   1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
logo
Micron Technology
MT9T001P12STC MICRON-MT9T001P12STC Datasheet
719Kb / 41P
   1/2-Inch 3-Megapixel CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
   1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com