Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3274 Fiches technique(PDF) 6 Page - Renesas Technology Corp

No de pièce 2SK3274
Description  Slilicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3274 Fiches technique(HTML) 6 Page - Renesas Technology Corp

  2SK3274 Datasheet HTML 1Page - Renesas Technology Corp 2SK3274 Datasheet HTML 2Page - Renesas Technology Corp 2SK3274 Datasheet HTML 3Page - Renesas Technology Corp 2SK3274 Datasheet HTML 4Page - Renesas Technology Corp 2SK3274 Datasheet HTML 5Page - Renesas Technology Corp 2SK3274 Datasheet HTML 6Page - Renesas Technology Corp 2SK3274 Datasheet HTML 7Page - Renesas Technology Corp 2SK3274 Datasheet HTML 8Page - Renesas Technology Corp 2SK3274 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SK3274 (L), 2SK3274 (S)
Rev.3.00 May 15, 2006 page 6 of 8
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Waveform
Vin Monitor
D.U.T.
Vin
10 V
50
RL
VDD
= 30 V
Vout
Monitor


Numéro de pièce similaire - 2SK3274

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
2SK3274L VBSEMI-2SK3274L Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
2SK3274S KEXIN-2SK3274S Datasheet
45Kb / 1P
   Slilicon N Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
2SK3274S DOINGTER-2SK3274S Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Description similaire - 2SK3274

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B9DPA RENESAS-RJK03B9DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B8DPA RENESAS-RJK03B8DPA_13 Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0397DPA RENESAS-RJK0397DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA Datasheet
161Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com