Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMER175-48360Z Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AMER175-48360Z
Description  up to 3600mA | AC-DC LED driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER175-48360Z Fiches technique(HTML) 2 Page - AIMTEC

  AMER175-48360Z Datasheet HTML 1Page - AIMTEC AMER175-48360Z Datasheet HTML 2Page - AIMTEC AMER175-48360Z Datasheet HTML 3Page - AIMTEC AMER175-48360Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AMER175-Z
up to 3600mA | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052.1e R0
2 of 4
North America only
Short circuit protection
Continuous current mode
Short circuit restart
Auto Recovery
Open circuit protection
Continuous voltage mode
Over Temperature Protection
Threshold
– Shutdown Output
+110
oC
Hysteresis
– Auto Recovery
+85
oC
Operating temperature
Without Derating
-40 to +70
oC
Maximum case temperature
90
oC
Storage temperature
-40 to +85
oC
Temperature coefficient
0.03
% / oC
Cooling
Free Air Convection
Humidity
90
% RH
Case material
Metal (Aluminum)
Potting material
polysiloxane
IP Rating
IP67
Weight
1100
g
Dimensions (L X W X H)
9.02 x 2.68 x 1.53 Inches, 229.0 x 68.0 x 38.8 mm
MTBF
>450,000 hrs (MIL-HDBK-217F at +25°C)
Safety Specifications
Parameters
Standards
Electromagnetic Interference
EN55015 / FCC Part 15, Class B
Harmonic Current Emissions
EN61000-3-2, Class B
Voltage fluctuations and flicker
EN61000-3-3
Electrostatic Discharge Immunity
EN61000-4-2, 8kV Air, 4kV Contact, Level 3, Criteria A
RF, Electromagnetic Field Immunity
EN61000-4-3, Test-RS Level 3, Criteria A
Electrical Fast Transient / Burst Immunity
EN61000-4-4, Burst EFT Level 3, Criteria A
Surge Immunity
EN61000-4-5, Line to Neutral 4kV, Line/Neutral to FG 6kV
RF, Conducted Disturbance Immunity
EN61000-4-6. Test-CS Level 3, Criteria A
Power frequency Magnetic Field Immunity
EN61000-4-8, Test 3A/m, Criteria A
Voltage dips, Short Interruptions Immunity
EN61000-4-11, Criteria B
Electromagnetic Immunity Requirements Applies
to Lighting Equipment
EN61547
Pin Definition
Application circuit
Input wire gauge #18
Output wire gauge #14
Wire
Connection
Brown
AC L
Blue
AC N
Yellow/Green
FG
Red
+V Output
Black
-V OUtput
AC_L
AC_N
LED+
LED-
AC
FG


Numéro de pièce similaire - AMER175-48360Z

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMER175-48360Z AIMTEC-AMER175-48360Z Datasheet
418Kb / 4P
   up to 3600mA | AC-DC LED driver
More results

Description similaire - AMER175-48360Z

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMER175-Z AIMTEC-AMER175-Z Datasheet
418Kb / 4P
   up to 3600mA | AC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
AMER120C-Z AIMTEC-AMER120C-Z Datasheet
909Kb / 6P
   up to 1700mA | AC-DC LED driver
AMER60N-Z AIMTEC-AMER60N-Z Datasheet
841Kb / 6P
   up to 1600mA | AC-DC LED driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com