Moteur de recherche de fiches techniques de composants électroniques |
|
TPS380XX33 Fiches technique(PDF) 3 Page - Texas Instruments |
|
TPS380XX33 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 11 page www.ti.com TPS3800-xx TPS3801-xx TPS3802-xx SLVS219C – AUGUST 1999 – REVISED JULY 2003 ELECTRICAL CHARACTERISTICS over -40 °C to 85°C free-air temperature range (unless otherwise noted) parameter test conditions min typ max unit VDD = 1.6 V to 6 V IOH = -500 µA VDD -0.2 VOH High-level output voltage (RESET) VDD = 3.3 V IOH = -2 mA VDD -0.4 V VDD = 6 V IOH = -4 mA (1) VDD -0.4 VDD = 1.6 V to 6 V, IOL = 500 µA 0.2 VOL Low-level output voltage (RESET) VDD = 3.3 V, IOL = 2 mA 0.4 V VDD = 6 V, IOL = 4 mA (1) 0.4 Power-up reset voltage (2) VDD ≥ 1.1 V, IOL = 50 µA 0.2 V TPS380x-01 1.117 1.14 1.163 TPS380xE18 1.67 1.71 1.75 TPS380xJ25 2.2 2.25 2.3 TPS380xG27 2.45 2.5 2.55 Negative-going input VIT- TA = -40°C to 85°C V threshold voltage (3) TPS380xL30 2.58 2.64 2.7 TPS380xK33 2.87 2.93 2.99 TPS380xI50 4.45 4.55 4.65 TPS380xT50 3.92 4 4.08 TPS380x-01 15 TPS380xx18 25 TPS380xx25 30 Vhys Threshold hysteresis TPS380xx27 35 mV TPS380xx30 35 TPS380xx33 40 TPS380xx50 60 IIH High-level input current (MR ) MR = 0.7 ×V DD, VDD = 6 V -40 -60 -100 µA IIL Low-level input current (MR) MR = 0 V, VDD = 6 V -130 -200 -340 II Input current (SENSE) -25 25 nA TPS3801J25, VDD = 2 V, MR and output unconnected 9 12 TPS3801L30, TPS3801K33, VDD = 6 V, MR and output unconnected 20 25 TPS3801I50, TPS3801T50 VDD = 1.6 V, SENSE = 0 V to VDD, output 7 10 unconnected IDD Supply current µA TPS3801-01 VDD = 4 V, SENSE = 0 V to VDD, output 9 12 unconnected TPS3801E18, VDD = 1.6 V, MR and output unconnected 8 11 TPS3800G27, TPS3802K33, VDD = 4 V, MR and output unconnected 13 18 TPS3802L30 Ci Input capacitance VI = 0 V to VDD 5 pF (1) Only valid for the TPS3801J25, TPS3801L30, TPS3801K33, TPS3801I50, and TPS3801T50. (2) The lowest supply voltage at which RESET becomes active. tr, VDD≥ 15 µs/V. (3) To ensure the best stability of the threshold voltage, a bypass capacitor (0.1-µF ceramic) should be placed near the supply terminals. 3 |
Numéro de pièce similaire - TPS380XX33 |
|
Description similaire - TPS380XX33 |