Moteur de recherche de fiches techniques de composants électroniques |
|
SB5100 Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
SB5100 Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 3 page SB520 - SB5100, Rev. C 2001 Fairchild Semiconductor Corporation Schottky Rectifiers (continued) Typical Characteristics 12 5 10 20 50 100 0 30 60 90 120 150 Number of Cycles at 60Hz 0.1 1 10 100 100 200 500 1000 2000 5000 Reverse Voltage, V R [V] SB520-SB540 SB550-SB5100 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 0.1 1 10 40 Forward Voltage, V F [V] Pulse Width = 300 µµµµS 2% Duty Cycle T = 25 C º A SB520-SB540 SB550-SB560 SB580-SB5100 0 25 50 75 100 125 150 175 0 1 2 3 4 5 Ambient Temperature [ºC] SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" (9.00mm) LOAD LENGTHS SB520-SB540 SB550-SB5100 0 20406080 100 120 140 0.001 0.01 0.1 1 10 20 Percent of Rated Peak Reverse Voltage [%] T = 25 C º A T = 75 C º A T = 100 C º A SB520-SB540 SB550-SB5100 SB520-SB540 SB550-SB5100 Figure 1. Forward Current Derating Curve Figure 2. Non-Repetitive Surge Current Figure 3. Forward Voltage Characteristics Figure 4. Reverse Current vs Reverse Voltage Figure 5. Total Capacitance |
Numéro de pièce similaire - SB5100 |
|
Description similaire - SB5100 |