Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE213 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce NTE213
Description  Germanium PNP Transistor High Power, High Gain Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE213 Fiches technique(HTML) 2 Page - NTE Electronics

  NTE213 Datasheet HTML 1Page - NTE Electronics NTE213 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON Characteristics
DC Current Gain
hFE
VCB = 2V, IC = 5A
50
75
100
VCB = 2V, IC = 15A
25
47
VCB = 2V, IC = 25A
15
38
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 5A, IB = 500mA
0.06
0.1
V
IC = 25A, IB = 2A
0.2
0.3
V
Base–Emitter ON Voltage
VBE(on)
IC = 5A, IB = 500mA
0.65
1.0
V
IC = 25A, IB = 2A
1.0
2.0
V
Dynamic Characteristics
Common–Emitter Cutoff Frequency
f
αe
VCE = 6V, IC = 5A
2.0
2.7
kHz
.520 (13.2)
Max
10–32 UNF–2A
.190 (4.83)
.345 (8.76)
.312 (7.93)
Collector/Case
1.005 (25.55)
Dia Max
1.250 (31.75
Dia Max
.710
(18.03)
Max
.500
(12.7)
Max
Emitter
Base


Numéro de pièce similaire - NTE213

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE21 NTE-NTE21 Datasheet
19Kb / 2P
   Silicon Complementary Transistors High Power, Low Collector Saturation Voltage Power Output
NTE210 NTE-NTE210 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver
NTE2102 NTE-NTE2102 Datasheet
28Kb / 3P
   Integrated Circuit NMOS, 1K Static RAM (SRAM), 350ns
NTE2102 NTE-NTE2102 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
NTE2104 NTE-NTE2104 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
More results

Description similaire - NTE213

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE28 NTE-NTE28 Datasheet
76Kb / 2P
   Germanium PNP Transistor High Current, High Gain Amplifier
NTE27 NTE-NTE27 Datasheet
22Kb / 2P
   Germanium PNP Transistor High Current, High Gain Amp
NTE179 NTE-NTE179 Datasheet
23Kb / 2P
   Germanium PNP Transistor Audio Power Amplifier, High Current Switch
NTE330 NTE-NTE330 Datasheet
21Kb / 2P
   Germanium PNP Transistor High Power Switch
NTE158 NTE-NTE158 Datasheet
19Kb / 2P
   Germanium PNP Transistor Audio Power Amplifier
NTE121 NTE-NTE121 Datasheet
20Kb / 2P
   Germanium PNP Transistor Audio Frequency Power Amplifier
NTE104 NTE-NTE104 Datasheet
20Kb / 2P
   Germanium PNP Transistor Audio Frequency Power Amplifier
logo
New Jersey Semi-Conduct...
2N4277 NJSEMI-2N4277 Datasheet
123Kb / 1P
   PNP GERMANIUM POWER TRANSISTOR
logo
NTE Electronics
NTE234 NTE-NTE234 Datasheet
21Kb / 2P
   Silicon PNP Transistor Low Noise, High Gain Amplifier
logo
Rohm
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
   High-gain Amplifier Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com