Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1060ARU Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADM1060ARU
Description  Communications System Supervisory/Sequencing Circuit
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1060ARU Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADM1060ARU Datasheet HTML 7Page - Analog Devices ADM1060ARU Datasheet HTML 8Page - Analog Devices ADM1060ARU Datasheet HTML 9Page - Analog Devices ADM1060ARU Datasheet HTML 10Page - Analog Devices ADM1060ARU Datasheet HTML 11Page - Analog Devices ADM1060ARU Datasheet HTML 12Page - Analog Devices ADM1060ARU Datasheet HTML 13Page - Analog Devices ADM1060ARU Datasheet HTML 14Page - Analog Devices ADM1060ARU Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
ADM1060 INPUTS
ADM1060
– 11 –
REV. PrJ 11/02
PRELIMINARY TECHNICAL DATA
SFDREGISTERBITMAPS
BIPOLAR SUPPLY FAIL DETECT (BSnSFD) REGISTERS
TABLE 3. REGISTER A0H,A8H BSnOVTH (POWER- ON DEFAULT FFH)
Bit
Name
R/W
Description
7-0
O V 7 - O V 0
R / W
8 bit digital value for overvoltage threshold on BSn SFD.
TABLE 4. REGISTER A1H,A9H BSnOVHYST (POWER- ON DEFAULT 00H)
Bit
Name
R/W
Description
7-5
Reserved
N/A
Cannot be used
4-0
HY4-HY0
R / W
5 bit digital value for hysteresis on OV threshold of BSn SFD
TABLE 5. REGISTER A2H,AAH BSnUVTH (POWER- ON DEFAULT 00H)
Bit
Name
R/W
Description
7-0
UV7-UV0
R / W
8 bit digital value for undervoltage threshold on BSn SFD
TABLE 6. REGISTER A3H,ABH BSnUVHYST (POWER- ON DEFAULT 00H)
Bit
Name
R/W
Description
7-5
Reserved
N/A
Cannot be used
4-0
HY4-HY0
R / W
5 bit digital value for hysteresis on UV threshold of BSn SFD
TABLE 7. REGISTER A4H,ACH BSnSEL (POWER- ON DEFAULT 00H)
Bit
Name
R/W
Description
7
P O L
R / W
Polarity of Bipolar SFDn
POL
Sign of Detection Range
0
Positive
1
Negative
6-4
GF2-GF0
R / W
GF2
GF1
GF0
Glitch Filter Delay ( s)
0000
0015
01010
01120
10030
10150
11075
111100
3
Reserved
N/A
Cannot be used
2
RSEL
R / W
Note: When POL is set to 1 (ie) SFD is in negative mode, then
RSEL is unused since there is only one range in this mode.
RSEL1
Bottom of
Top of
Step Size (mV)
Range
Range
0
1 V
3 V
7.8
1
2 V
6 V
15.6
1-0
FS1-FS0
R / W
FS1
FS0
Fault Select Type
0
0
Overvoltage
0
1
Undervoltage
1
0
Out-of-Window
1
1
Not Allowed


Numéro de pièce similaire - ADM1060ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
   Communications System Supervisory/Sequencing Circuit
REV. B
More results

Description similaire - ADM1060ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
   Communications System Supervisory/Sequencing Circuit
REV. B
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com