Moteur de recherche de fiches techniques de composants électroniques |
|
54ACT16241 Fiches technique(PDF) 1 Page - Texas Instruments |
|
54ACT16241 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 6 page 54ACT16241, 74ACT16241 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCAS189A – MARCH 1990 – REVISED APRIL 1996 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus ™ Family D Inputs Are TTL-Voltage Compatible D 3-State Outputs Drive Bus Lines or Buffer Memory Address Registers D Flow-Through Architecture Optimizes PCB Layout D Distributed VCC and GND Pin Configuration Minimizes High-Speed Switching Noise D EPIC™ (Enhanced-Performance Implanted CMOS) 1- µm Process D 500-mA Typical Latch-Up Immunity at 125 °C D Package Options Include Plastic 300-mil Shrink Small-Outline (DL) Packages Using 25-mil Center-to-Center Pin Spacings and 380-mil Fine-Pitch Ceramic Flat (WD) Packages Using 25-mil Center-to-Center Pin Spacings description The ’ACT16241 are 16-bit buffers or line drivers designed specifically to improve both the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. The devices can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. These devices provide true outputs and complementary output-enable (OE and OE) inputs. The 74ACT16241 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and functionality of standard small-outline packages in the same printed-circuit-board area. The 54ACT16241 is characterized for operation over the full military temperature range of –55 °C to 125°C. The 74ACT16241 is characterized for operation from –40 °C to 85°C. Copyright © 1996, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. EPIC and Widebus are trademarks of Texas Instruments Incorporated. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1OE 1Y1 1Y2 GND 1Y3 1Y4 VCC 2Y1 2Y2 GND 2Y3 2Y4 3Y1 3Y2 GND 3Y3 3Y4 VCC 4Y1 4Y2 GND 4Y3 4Y4 4OE 2OE 1A1 1A2 GND 1A3 1A4 VCC 2A1 2A2 GND 2A3 2A4 3A1 3A2 GND 3A3 3A4 VCC 4A1 4A2 GND 4A3 4A4 3OE 54ACT16241 . . . WD PACKAGE 74ACT16241 . . . DL PACKAGE (TOP VIEW) |
Numéro de pièce similaire - 54ACT16241 |
|
Description similaire - 54ACT16241 |