Moteur de recherche de fiches techniques de composants électroniques |
|
AME8500BEETBD44 Fiches technique(PDF) 5 Page - Analog Microelectronics |
|
AME8500BEETBD44 Fiches technique(HTML) 5 Page - Analog Microelectronics |
5 / 14 page AME, Inc. 5 AME8500 / 8501 µµµµµProcessor Supervisory n Ordering Information Part Number Marking VTH Voltage Package Operating Temp. Range AME8500AEETAA21 ASVww 2.10V SOT-23 - 40 oC to + 85oC AME8500AEETAD20 ALXww 2.00V SOT-23 - 40 oC to + 85oC AME8500AEETAE20 AUAww 2.00V SOT-23 - 40 oC to + 85oC AME8500AEETAE21 AVGww 2.10V SOT-23 - 40 oC to + 85oC AME8500AEETAE26 ASJww 2.63V SOT-23 - 40 oC to + 85oC AME8500AEETAE26L ASJww 2.63V SOT-23 - 40 oC to + 85oC AME8500AEETAE29 ALYww 2.93V SOT-23 - 40 oC to + 85oC AME8500AEETAE31 AUBww 3.08V SOT-23 - 40 oC to + 85oC AME8500AEETAE46 ATSww 4.63V SOT-23 - 40 oC to + 85oC AME8500AEETAF15 ATDww 1.50V SOT-23 - 40 oC to + 85oC AME8500AEETAF16 ATEww 1.60V SOT-23 - 40 oC to + 85oC AME8500AEETAF21 ASKww 2.10V SOT-23 - 40 oC to + 85oC AME8500AEETAF23 ATTww 2.32V SOT-23 - 40 oC to + 85oC AME8500AEETAF26 AMPww 2.63V SOT-23 - 40 oC to + 85oC AME8500AEETAF27 ATRww 2.70V SOT-23 - 40 oC to + 85oC AME8500AEETAF29 AMOww 2.93V SOT-23 - 40 oC to + 85oC AME8500AEETAF31 ASAww 3.08V SOT-23 - 40 oC to + 85oC AME8500AEETAF40 ASBww 4.00V SOT-23 - 40 oC to + 85oC AME8500AEETAF44 ARNww 4.38V SOT-23 - 40 oC to + 85oC AME8500AEETAF46 ARKww 4.63V SOT-23 - 40 oC to + 85oC AME8500AEETBF31 AUTww 3.08V SOT-23 - 40 oC to + 85oC AME8500AEETBF46 AUUww 4.63V SOT-23 - 40 oC to + 85oC AME8500AEETCA21 ASWww 2.10V SOT-23 - 40 oC to + 85oC AME8500AEETCA27 AVBww 2.70V SOT-23 - 40 oC to + 85oC AME8500AEETCA46 AVCww 4.63V SOT-23 - 40 oC to + 85oC AME8500AEETCD20 ALZww 2.00V SOT-23 - 40 oC to + 85oC AME8500AEETCF21 ATYww 2.10V SOT-23 - 40 oC to + 85oC AME8500AEETCF29 ALVww 2.93V SOT-23 - 40 oC to + 85oC AME8500AEETCF31 ASUww 3.08V SOT-23 - 40 oC to + 85oC |
Numéro de pièce similaire - AME8500BEETBD44 |
|
Description similaire - AME8500BEETBD44 |