Moteur de recherche de fiches techniques de composants électroniques |
|
TLC2272AID Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
TLC2272AID Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 52 page TLC227x, TLC227xA Advanced LinCMOS ™ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS SLOS190B – FEBRUARY 1997 – REVISED JULY 1999 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2272C operating characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS TA† TLC2272C TLC2272AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT Slew rate at unity VO = 0.5 V to 2.5 V, ‡‡ 25 °C 2.3 3.6 2.3 3.6 SR Slew rate at unity gain RL = 10 kΩ‡, CL = 100 pF‡ Full 17 17 V/ µs g range 1.7 1.7 V Equivalent input f = 10 Hz 25 °C 50 50 nV/ √Hz Vn q noise voltage f = 1 kHz 25 °C 9 9 nV/ √Hz VNPP Peak-to-peak equivalent input f = 0.1 Hz to 1 Hz 25 °C 1 1 µV VNPP equivalent input noise voltage f = 0.1 Hz to 10 Hz 25 °C 1.4 1.4 µV In Equivalent input noise current 25 °C 0.6 0.6 fA/ √Hz Tt l h i VO = 0.5 V to 2.5 V, AV = 1 0.0013% 0.0013% THD + N Total harmonic distortion plus noise VO = 0.5 V to 2.5 V, f = 20 kHz, ‡ AV = 10 25 °C 0.004% 0.004% distortion lus noise RL = 10 kΩ‡, AV = 100 0.03% 0.03% Gain-bandwidth product f = 10 kHz, CL = 100 pF‡ RL = 10 kΩ‡, 25 °C 2.18 2.18 MHz BOM Maximum output-swing bandwidth VO(PP) = 2 V, RL = 10 kΩ‡, AV = 1, CL = 100 pF‡ 25 °C 1 1 MHz AV =– 1, To 0 1% 15 15 t Settling time AV = 1, Step = 0.5 V to 2.5 V, To 0.1% 25 °C 1.5 1.5 µs ts Settling time , RL = 10 kΩ‡, ‡ To 0 01% 25 °C 26 26 µs L CL = 100 pF‡ To 0.01% 2.6 2.6 φm Phase margin at unity gain RL = 10 kΩ‡, CL = 100 pF‡ 25 °C 50 ° 50 ° Gain margin L , L 25 °C 10 10 dB † Full range is 0 °C to 70°C. ‡ Referenced to 2.5 V |
Numéro de pièce similaire - TLC2272AID |
|
Description similaire - TLC2272AID |