Moteur de recherche de fiches techniques de composants électroniques |
|
TLC2274MJ Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TLC2274MJ Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 52 page TLC227x, TLC227xA Advanced LinCMOS ™ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS SLOS190B – FEBRUARY 1997 – REVISED JULY 1999 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2272 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax At 25 °C SMALL OUTLINE† (D) PLASTIC DIP (P) TSSOP‡ (PW) 0 °Cto70°C 950 µV TLC2272ACD TLC2272ACP TLC2272CPW 0 °C to 70°C µ 2.5 mV TLC2272CD TLC2272CP TLC2272CPW 40 °Cto85°C 950 µV TLC2272AID TLC2272AIP – 40 °C to 85°C µ 2.5 mV TLC2272ID TLC2272IP — 40 °Cto125°C 950 µV TLC2272AQD TLC2272AQPW – 40 °C to 125°C µ 2.5 mV TLC2272QD — TLC2272QPW 55 °Cto125°C 950 µV TLC2272AMD TLC2272AMP – 55 °C to 125°C µ 2.5 mV TLC2272MD TLC2272MP — † The D packages are available taped and reeled. Add R suffix to the device type (e.g., TLC2272CDR). ‡ The PW package is available taped and reeled. Add R suffix to the device type (e.g., TLC2272PWR). § Chips are tested at 25 °C. TLC2274 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) CHIP CARRIER (FK) CERAMIC DIP (J) PLASTIC DIP (N) TSSOP‡ (PW) 0 °C to 950 µV TLC2274ACD TLC2274ACN — 70 °C µ 2.5 mV TLC2274CD — — TLC2274CN TLC2274CPW –40 °C to 950 µV TLC2274AID TLC2274AIN — 85 °C µ 2.5 mV TLC2274ID — — TLC2274IN TLC2274IPW –40 °C to 950 µV TLC2274AQD 125 °C µ 2.5 mV TLC2274QD — — — — –55 °C to 950 µV TLC2274AMD TLC2274AMFK TLC2274AMJ TLC2274AMN 125 °C µ 2.5 mV TLC2274MD TLC2274MFK TLC2274MJ TLC2274MN — † The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2274CDR). ‡ The PW package is available taped and reeled. § Chips are tested at 25 °C. 1 2 3 4 8 7 6 5 1OUT 1IN – 1IN + VDD–/GND VDD+ 2OUT 2IN – 2IN + TLC2272 D, P, OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 1IN – 1IN + VDD+ 2IN + 2IN – 2OUT 4OUT 4IN – 4IN + VDD– 3IN + 3IN – 3OUT 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 4IN + NC VDD– NC 3IN + 1IN + NC VDD+ NC 2IN + NC – No internal connection TLC2274 D, J, N, OR PW PACKAGE (TOP VIEW) TLC2274 FK PACKAGE (TOP VIEW) |
Numéro de pièce similaire - TLC2274MJ |
|
Description similaire - TLC2274MJ |