Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD453R12S30MTC Fiches technique(PDF) 5 Page - International Rectifier

No de pièce SD453R12S30MTC
Description  FAST RECOVERY DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SD453R12S30MTC Fiches technique(HTML) 5 Page - International Rectifier

  SD453R12S30MTC Datasheet HTML 1Page - International Rectifier SD453R12S30MTC Datasheet HTML 2Page - International Rectifier SD453R12S30MTC Datasheet HTML 3Page - International Rectifier SD453R12S30MTC Datasheet HTML 4Page - International Rectifier SD453R12S30MTC Datasheet HTML 5Page - International Rectifier SD453R12S30MTC Datasheet HTML 6Page - International Rectifier SD453R12S30MTC Datasheet HTML 7Page - International Rectifier SD453R12S30MTC Datasheet HTML 8Page - International Rectifier SD453R12S30MTC Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SD453N/R Series
5
Bulletin I2076 rev. A 09/94
www.irf.com
Fig. 6 - Forward Power Loss Characteristics
Fig. 5 - Forward Power Loss Characteristics
60
70
80
90
100
110
120
130
140
150
0
100
200
300
400
500
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
SD453N/R..S30 Series
R
(DC) = 0.1 K/W
thJC
0
100
200
300
400
500
600
700
800
0
50 100 150 200 250 300 350 400 450
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Angle
SD453N/R..S20 Series
T = 150°C
J
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
40
50
60
70
80
90
100
110
120
130
140
150
0
200
400
600
800
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduction Period
SD453N/R..S30 Series
R
(DC) = 0.1 K/W
thJC
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
SD453N/R..S20 Series
T = 150°C
J
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
50
60
70
80
90
100
110
120
130
140
150
0
100
200
300
400
500
600
700
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduction Period
SD453N/R..S20 Series
R
(DC) = 0.1 K/W
thJC
60
70
80
90
100
110
120
130
140
150
0
50 100 150 200 250 300 350 400 450
30°
60° 90° 120°
180°
Average Forward Current (A)
Conduction Angle
SD453N/R..S20 Series
R
(DC) = 0.1 K/W
thJC


Numéro de pièce similaire - SD453R12S30MTC

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
SD453R IRF-SD453R Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results

Description similaire - SD453R12S30MTC

FabricantNo de pièceFiches techniqueDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com