Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD453N12S20MTC Fiches technique(PDF) 2 Page - International Rectifier

No de pièce SD453N12S20MTC
Description  FAST RECOVERY DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SD453N12S20MTC Fiches technique(HTML) 2 Page - International Rectifier

  SD453N12S20MTC Datasheet HTML 1Page - International Rectifier SD453N12S20MTC Datasheet HTML 2Page - International Rectifier SD453N12S20MTC Datasheet HTML 3Page - International Rectifier SD453N12S20MTC Datasheet HTML 4Page - International Rectifier SD453N12S20MTC Datasheet HTML 5Page - International Rectifier SD453N12S20MTC Datasheet HTML 6Page - International Rectifier SD453N12S20MTC Datasheet HTML 7Page - International Rectifier SD453N12S20MTC Datasheet HTML 8Page - International Rectifier SD453N12S20MTC Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SD453N/R Series
2
Bulletin I2076 rev. A 09/94
www.irf.com
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J = TJ max.
VV
mA
12
1200
1300
16
1600
1700
20
2000
2100
25
2500
2600
ELECTRICAL SPECIFICATIONS
Voltage Ratings
SD453N/R
50
SD453N/R
S20
S30
I
F(AV)
Max. average forward current
400
450
A
180° conduction, half sine wave
@ case temperature
70
70
°C
I
F(RMS)
Max. RMS forward current
630
710
A
@ case temperature
55
52
°C
I
FSM
Max. peak, one-cycle forward,
9300
9600
t = 10ms
No voltage
non-repetitive surge current
9730
10050
t = 8.3ms
reapplied
7820
8070
t = 10ms
100% V
RRM
8190
8450
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
432
460
t = 10ms
No voltage
Initial T
J
= T
J
max.
395
420
t = 8.3ms
reapplied
306
326
t = 10ms
100% V
RRM
279
297
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
4320
4600
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1 Low level value of threshold
voltage
V
F(TO)2 High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
2.20
1.85
V
I
pk
= 1500A, T
J = TJ max, t
p
= 10ms sinusoidal wave
Parameter
Units
Conditions
Forward Conduction
A
KA2s
1.09
1.04
(I >
π x I
F(AV)),TJ = TJ max.
1.00
0.95
(16.7% x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.
0.74
0.54
(I >
π x I
F(AV)),TJ = TJ max.
0.80
0.60
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
m
V
typical t
rr
I
pk
di/dt
V
r
t
rr
Q
rr
I
rr
@ 25% I
RRM
Square Pulse
@ 25% I
RRM
Code
(
µs)
(A)
(A/
µs)
(V)
(
µs)
(
µC)
(A)
Test conditions
Max. values @ T
J
= 150°C
Recovery Characteristics
T
J = 25
oC
S20
2.0
1000
50
- 50
3.5
250
120
S30
3.0
1000
50
- 50
5.0
380
150


Numéro de pièce similaire - SD453N12S20MTC

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
logo
Vishay Siliconix
SD453N/R12 VISHAY-SD453N/R12 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
SD453N/R16 VISHAY-SD453N/R16 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
SD453N/R20 VISHAY-SD453N/R20 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
SD453N/R25 VISHAY-SD453N/R25 Datasheet
425Kb / 11P
   Fast Recovery Diodes (Stud Version), 400/450 A
Revision: 08-Apr-08
More results

Description similaire - SD453N12S20MTC

FabricantNo de pièceFiches techniqueDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com