Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC9447F Fiches technique(PDF) 10 Page - Toshiba Semiconductor

No de pièce TC9447F
Description  Single-Chip Audio Digital Signal Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9447F Fiches technique(HTML) 10 Page - Toshiba Semiconductor

Back Button TC9447F Datasheet HTML 6Page - Toshiba Semiconductor TC9447F Datasheet HTML 7Page - Toshiba Semiconductor TC9447F Datasheet HTML 8Page - Toshiba Semiconductor TC9447F Datasheet HTML 9Page - Toshiba Semiconductor TC9447F Datasheet HTML 10Page - Toshiba Semiconductor TC9447F Datasheet HTML 11Page - Toshiba Semiconductor TC9447F Datasheet HTML 12Page - Toshiba Semiconductor TC9447F Datasheet HTML 13Page - Toshiba Semiconductor TC9447F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
TC9447F
2002-02-05
10
(1-4) Monitor mode
Monitor mode is used to monitor the data bus or pointers.
There are two further modes: a mode where the data bus or pointer (s) is monitored at a preset
program counter (PC) and a mode where a loop counter (LC) is added to monitor conditions in
addition to the PC. After the command is issued, when the TC9447F loads data to the IFDO
register (IFDOR), the IFOK pin signal is set to Low (see (1) above).
Next, when the IFCK signal is sent, the data are output on the IFCK signal falling edge starting
from the MSB. The data length is at its maximum (24 bits or three bytes) during monitoring of
the data bus. In cases where transfer must be interrupted, such as where only eight or 16 bits of
the MSB side are required, monitoring can be interrupted at any time by setting the CS signal
to High. When the CS signal goes High, the IFOK signal also goes High.
When CS = H, all monitor circuits are initialized.


Numéro de pièce similaire - TC9447F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC9444F TOSHIBA-TC9444F Datasheet
297Kb / 28P
   Single-Chip karaoke IC II
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
More results

Description similaire - TC9447F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
TC9496AF TOSHIBA-TC9496AF Datasheet
465Kb / 48P
   1 Chip Audio Digital Signal Processor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
   AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
BH7801BK ROHM-BH7801BK Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com