Moteur de recherche de fiches techniques de composants électroniques |
|
TC74LCX74FT Fiches technique(PDF) 3 Page - Toshiba Semiconductor |
|
TC74LCX74FT Fiches technique(HTML) 3 Page - Toshiba Semiconductor |
3 / 9 page TC74LCX74F/FN/FT 2002-01-11 3 Recommended Operating Conditions Characteristics Symbol Rating Unit 2.0 to 3.6 Power supply voltage VCC 1.5 to 3.6 (Note 4) V Input voltage VIN 0 to 5.5 V 0 to 5.5 (Note 5) Output voltage VOUT 0 to VCC (Note 6) V ±24 (Note 7) Output current IOH/IOL ±12 (Note 8) mA Operating temperature Topr -40 to 85 °C Input rise and fall time dt/dv 0 to 10 (Note 9) ns/V Note 4: Data retention only Note 5: VCC = 0 V Note 6: High or low state Note 7: VCC = 3.0 to 3.6 V Note 8: VCC = 2.7 to 3.0 V Note 9: VIN = 0.8 to 2.0 V, VCC = 3.0 V Electrical Characteristics DC Characteristics (Ta ==== ----40 to 85°C) Characteristics Symbol Test Condition VCC (V) Min Max Unit H-level VIH ¾ 2.7 to 3.6 2.0 ¾ Input voltage L-level VIL ¾ 2.7 to 3.6 ¾ 0.8 V IOH = -100 mA 2.7 to 3.6 VCC - 0.2 ¾ IOH = -12 mA 2.7 2.2 ¾ IOH = -18 mA 3.0 2.4 ¾ H-level VOH VIN = VIH or VIL IOH = -24 mA 3.0 2.2 ¾ IOL = 100 mA 2.7 to 3.6 ¾ 0.2 IOL = 12 mA 2.7 ¾ 0.4 IOL = 16 mA 3.0 ¾ 0.4 Output voltage L-level VOL VIN = VIH or VIL IOL = 24 mA 3.0 ¾ 0.55 V Input leakage current IIN VIN = 0 to 5.5 V 2.7 to 3.6 ¾ ±5.0 mA Power-off leakage current IOFF VIN/VOUT = 5.5 V 0 ¾ 10.0 mA VIN = VCC or GND 2.7 to 3.6 ¾ 10.0 Quiescent supply current ICC VIN = 3.6 to 5.5 V 2.7 to 3.6 ¾ ±10.0 Increase in ICC per input DICC VIH = VCC - 0.6 V 2.7 to 3.6 ¾ 500 mA |
Numéro de pièce similaire - TC74LCX74FT |
|
Description similaire - TC74LCX74FT |