Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7632VFBT Fiches technique(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce DAC7632VFBT
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7632VFBT Fiches technique(HTML) 1 Page - Burr-Brown (TI)

  DAC7632VFBT Datasheet HTML 1Page - Burr-Brown (TI) DAC7632VFBT Datasheet HTML 2Page - Burr-Brown (TI) DAC7632VFBT Datasheet HTML 3Page - Burr-Brown (TI) DAC7632VFBT Datasheet HTML 4Page - Burr-Brown (TI) DAC7632VFBT Datasheet HTML 5Page - Burr-Brown (TI) DAC7632VFBT Datasheet HTML 6Page - Burr-Brown (TI) DAC7632VFBT Datasheet HTML 7Page - Burr-Brown (TI) DAC7632VFBT Datasheet HTML 8Page - Burr-Brown (TI) DAC7632VFBT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
16-Bit, Dual Voltage Output
DIGITAL-TO-ANALOG CONVERTER
DESCRIPTION
The DAC7632 is a 16-bit, dual channel, voltage output,
Digital-to-Analog Converter (DAC) which provides 15-bit
monotonic performance over the specified temperature range.
The device accepts 24-bit serial input data, has double-
buffered DAC input logic (allowing simultaneous update of
both DACs), and provides a serial data output for daisy-
chaining multiple devices. A programmable asynchronous
reset clears all registers to a mid-scale code of 8000H or to
a zero-scale code of 0000H. The DAC7632 can operate from
a single +5V supply or from +5V and –5V supplies, providing
an output range of 0V to +2.5V or –2.5V to +2.5V, respec-
tively.
Low power and small size per DAC make the DAC7632
ideal for industrial process control, data acquisition sys-
tems, and closed-loop servo-control. The DAC7632 is avail-
able in an LQFP-32 package and specified over a –40
°C to
+85
°C temperature range.
FEATURES
q LOW POWER: 4mW
q UNIPOLAR OR BIPOLAR OPERATION
q SETTLING TIME: 10
µs to ±0.003% FSR
q 15-BIT LINEARITY AND MONOTONICITY:
–40
°C to +85°C
q PROGRAMMABLE RESET TO MID-SCALE
OR ZERO-SCALE
q DOUBLE-BUFFERED DATA INPUTS
APPLICATIONS
q PROCESS CONTROL
q CLOSED-LOOP SERVO-CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
q DAC-PER-PIN PROGRAMMERS
DAC7632
SBAS234 – FEBRUARY 2002
www.ti.com
Copyright © 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DAC A
DAC
Register A
Input
Register A
Shift
Register
DAC B
DAC
Register B
Input
Register B
VREFL
VREFH
VREFH
Sense
VREFL
Sense
VOUTB
VOUTA
VOUTB Sense
SDI
SDO
Control
Logic
CS
CLK
RST
RSTSEL
LDAC
LOAD
AGND
DGND
VOUTA Sense
VCC
VSS
VDD
DAC7632
DAC763
2
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - DAC7632VFBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7632VFBT TI1-DAC7632VFBT Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, Dual Voltage Output
DAC7632VFBTG4 TI1-DAC7632VFBTG4 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, Dual Voltage Output
More results

Description similaire - DAC7632VFBT

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI-DAC7642 Datasheet
770Kb / 20P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI1-DAC7642_15 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com