Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD453R16S20PC Fiches technique(PDF) 1 Page - International Rectifier

No de pièce SD453R16S20PC
Description  FAST RECOVERY DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SD453R16S20PC Fiches technique(HTML) 1 Page - International Rectifier

  SD453R16S20PC Datasheet HTML 1Page - International Rectifier SD453R16S20PC Datasheet HTML 2Page - International Rectifier SD453R16S20PC Datasheet HTML 3Page - International Rectifier SD453R16S20PC Datasheet HTML 4Page - International Rectifier SD453R16S20PC Datasheet HTML 5Page - International Rectifier SD453R16S20PC Datasheet HTML 6Page - International Rectifier SD453R16S20PC Datasheet HTML 7Page - International Rectifier SD453R16S20PC Datasheet HTML 8Page - International Rectifier SD453R16S20PC Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
SD453N/R SERIES
FAST RECOVERY DIODES
Stud Version
400A
450A
Bulletin I2076 rev. A 09/94
www.irf.com
Features
High power FAST recovery diode series
2.0 to 3.0 µs recovery time
High voltage ratings up to 2500V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Compression bonded encapsulation
Stud version case style B-8
Maximum junction temperature 150°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
I
F(AV)
400
450
A
@ T
C
70
70
°C
I
F(RMS)
630
710
A
I
FSM
@ 50Hz
9300
9600
A
@ 60Hz
9730
10050
A
V
RRM
range
1200 to 2500 1200 to 2500
V
t
rr
2.0
3.0
µs
@ T
J
25
25
°C
T
J
- 40 to 150
°C
Parameters
Units
SD453N/R
S20
S30
Major Ratings and Characteristics
case style
B-8


Numéro de pièce similaire - SD453R16S20PC

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
SD453R IRF-SD453R Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results

Description similaire - SD453R16S20PC

FabricantNo de pièceFiches techniqueDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com