Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADD605S32 Fiches technique(PDF) 4 Page - Power Semiconductors

No de pièce ADD605S32
Description  RECTIFIER DIODES MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POSEICO [Power Semiconductors]
Site Internet  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ADD605S32 Fiches technique(HTML) 4 Page - Power Semiconductors

  ADD605S32 Datasheet HTML 1Page - Power Semiconductors ADD605S32 Datasheet HTML 2Page - Power Semiconductors ADD605S32 Datasheet HTML 3Page - Power Semiconductors ADD605S32 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ADD605 RECTIFIER DIODES MODULE
FINAL SPECIFICATION
Apr. 17 - Issue: 1
Distributed by
0
500
1000
1500
2000
2500
0
0,5
1
1,5
2
Forward Voltage [V]
FORWARD CHARACTERISTIC
Tj = 150 °C
0
10
20
30
40
50
60
70
80
0,001
0,01
0,1
1
10
100
t[s]
TRANSIENT THERMAL IMPEDANCE
0
2
4
6
8
10
12
14
16
1
10
100
n° cycles
SURGE CHARACTERISTIC
Tj = 150 °C
All the characteristics given in this data sheet are guaranteed only with uniform clamping
force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2
µm.
In the interest of product improvement POSEICO SpA reserves the right to change any
data given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded background)
and characteristics is reported.
(A)
2
1
3
(AK)
(K)


Numéro de pièce similaire - ADD605S32

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
ADD-1351 MOLEX-ADD-1351 Datasheet
431Kb / 5P
   SMA, JACK VERTICAL PCB SMT SMA-J/PCB, EWR-2107
2020/07/13
ADD-1353 MOLEX-ADD-1353 Datasheet
431Kb / 5P
   SMA, JACK VERTICAL PCB SMT SMA-J/PCB, EWR-2107
2020/07/13
ADD-1357 MOLEX-ADD-1357 Datasheet
431Kb / 5P
   SMA, JACK VERTICAL PCB SMT SMA-J/PCB, EWR-2107
2020/07/13
logo
Astrodyne Corporation
ADD-155 ASTRODYNE-ADD-155 Datasheet
929Kb / 4P
   155W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
ADD-155 MEANWELL-ADD-155 Datasheet
430Kb / 2P
   155W Dual Output with Battery Charger(USP Function)
More results

Description similaire - ADD605S32

FabricantNo de pièceFiches techniqueDescription
logo
Power Semiconductors
ADS1000 POSEICO-ADS1000 Datasheet
153Kb / 4P
   RECTIFIER DIODES MODULE
ADD805 POSEICO-ADD805 Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
AZD610HVI POSEICO-AZD610HVI Datasheet
142Kb / 4P
   RECTIFIER DIODES MODULE
AZD780HVI POSEICO-AZD780HVI Datasheet
142Kb / 4P
   RECTIFIER DIODES MODULE
ADD480HVI POSEICO-ADD480HVI Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
AZD1600 POSEICO-AZD1600 Datasheet
141Kb / 4P
   RECTIFIER DIODES MODULE
ADD360HVI POSEICO-ADD360HVI Datasheet
184Kb / 4P
   RECTIFIER DIODES MODULE
AZD1080 POSEICO-AZD1080 Datasheet
140Kb / 4P
   RECTIFIER DIODES MODULE
AZD1280 POSEICO-AZD1280 Datasheet
141Kb / 4P
   RECTIFIER DIODES MODULE
ADD700 POSEICO-ADD700 Datasheet
168Kb / 4P
   RECTIFIER DIODES MODULE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com