Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KAQW614 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce KAQW614
Description  High Voltage, Photo Mos Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

KAQW614 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  KAQW614 Datasheet HTML 1Page - List of Unclassifed Manufacturers KAQW614 Datasheet HTML 2Page - List of Unclassifed Manufacturers KAQW614 Datasheet HTML 3Page - List of Unclassifed Manufacturers KAQW614 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig.8
Voltage vs. current characteristics of
output at MOS FET portion
Measured portion: across terminals 7
and 8 pin
Ambient temperature: 25°C
Load Voltage (V)
Fig.9
Off state leakage current
Across terminals 7 and 8 pin
Ambient temperature: 25°C
LED Forward Current (mA)
Fig.11
LED forward current vs. reverse (ON)
timeAcross terminals 7 and 8 pin;
Load voltage: 400V (DC);
Continuous load current: 130mA (DC);
Ambient temperature: 25°C
Applied Voltage (V)
Fig.12
Applied voltage vs. output capacitance
Across terminals 7 and 8 pin
Frequency: 1MHz
Ambient temperature: 25°C
Ambient Temperature Ta (°C)
Fig.5
LED operate (ON) vs. ambient
temperature
Load voltage 400V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.6
LED Reverse (ON) current vs. ambient
temperature
Load voltage 400V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.1
Load current vs. ambient temperature
Allowable ambient temperature:
-40°C to +85°C
Ambient Temperature Ta (°C)
Fig.2
On resistance vs. ambient temperature
Across terminals 7 and 8 pin
LED current: 5mA
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.3
Operate (OFF) time vs. ambient
temperature Load voltage 400V(DC)
LED current: 5mA
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.4
Reverse (ON) time vs. ambient
temperature LED current: 5mA;
Load voltage: 400V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.7
LED dropout voltage vs. ambient
temperature
LED current: 5 to 50mA
LED Forward Current (mA)
Fig.10
LED forward current vs. turn on time
Across terminals 7 and 8 pin;
Load voltage: 400V (DC);
Continuous load current: 130mA (DC);
Ambient temperature: 25°C
KAQW614S
c 2002 cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
109
Data Curve (KAQW614S Normally Close Characteristics)


Numéro de pièce similaire - KAQW614

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQW614 COSMO-KAQW614 Datasheet
702Kb / 4P
   HIGH VOLTAGE, SOLID STATE RELAY - MOSFET OUTPUT
KAQW614A COSMO-KAQW614A Datasheet
702Kb / 4P
   HIGH VOLTAGE, SOLID STATE RELAY - MOSFET OUTPUT
KAQW614A COSMO-KAQW614A Datasheet
181Kb / 10P
   PRODUCT SPECIFICATION
KAQW614ATL COSMO-KAQW614ATL Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614ATR COSMO-KAQW614ATR Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Description similaire - KAQW614

FabricantNo de pièceFiches techniqueDescription
logo
DB Lectro Inc
KAQV210B DBLECTRO-KAQV210B Datasheet
141Kb / 2P
   High Voltage, Photo Mos Relay
logo
List of Unclassifed Man...
LH1529 ETC2-LH1529 Datasheet
146Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
COSMO Electronics Corp...
KAQY214S COSMO-KAQY214S Datasheet
181Kb / 2P
   High Voltage, Photo Mos Relay
logo
List of Unclassifed Man...
AQY414S ETC-AQY414S Datasheet
151Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
LH1520 ETC-LH1520 Datasheet
162Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
AQV414S ETC-AQV414S Datasheet
157Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
LH1516 ETC-LH1516 Datasheet
162Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
COSMO Electronics Corp...
KAQV414S COSMO-KAQV414S Datasheet
197Kb / 2P
   High Voltage, Photo Mos Relay
logo
List of Unclassifed Man...
AQV414 ETC-AQV414 Datasheet
168Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
COSMO Electronics Corp...
W210TS COSMO-W210TS Datasheet
1,015Kb / 5P
   HIGH VOLTAGE PHOTO MOS RELAY
logo
List of Unclassifed Man...
KAQW414A ETC-KAQW414A Datasheet
490Kb / 3P
   HIGH VOLTAGE, PHOTO MOS RELAY
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com