Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6292BMX Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce FAN6292BMX
Description  Compact Secondary-Side Synchronous Rectifier Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6292BMX Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button FAN6292BMX Datasheet HTML 4Page - ON Semiconductor FAN6292BMX Datasheet HTML 5Page - ON Semiconductor FAN6292BMX Datasheet HTML 6Page - ON Semiconductor FAN6292BMX Datasheet HTML 7Page - ON Semiconductor FAN6292BMX Datasheet HTML 8Page - ON Semiconductor FAN6292BMX Datasheet HTML 9Page - ON Semiconductor FAN6292BMX Datasheet HTML 10Page - ON Semiconductor FAN6292BMX Datasheet HTML 11Page - ON Semiconductor FAN6292BMX Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FAN6292BMX/FAN6292MX
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS
VIN=5 V, LPC=1.5 V, LPC width=2 µs at TJ= -40~125 C, FLPC=100 kHz, unless otherwise specified.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Type-C Section
Source current on CC1 pin
VIN=5 V, VCC2=0 V
IP-CC1
304
330
356
µA
Source current on CC2 pin
VIN=5 V, VCC1=0 V
IP-CC2
304
330
356
µA
Input impedance on CC1 pin
ZOPEN-CC1
126
k
Ω
Input impedance on CC2 pin
ZOPEN-CC2
126
k
Ω
Ra impedance detection threshold on
CC1 pin
VIN=5 V, VCC2=0 V, Decreasing VCC1
VRA-CC1
0.75
0.80
0.85
V
Ra impedance detection threshold on
CC2 pin
VIN=5 V, VCC1=0 V, Decreasing VCC2
VRA-CC2
0.75
0.80
0.85
V
Rd impedance detection threshold on
CC1 pin
VIN=5 V, VCC2=0 V, Increasing VCC1
VRD-CC1
2.45
2.60
2.75
V
Rd impedance detection threshold on
CC2 pin
VIN=5 V, VCC1=0 V, Increasing VCC2
VRD-CC2
2.45
2.60
2.75
V
UFP attachment debounce time
VIN=5 V, VCC2=0 V, Increasing VCC1
tCC-Attach-
debounce
100
150
200
ms
UFP detachment debounce time
VIN=5 V, VCC2=0 V, Decreasing VCC1
tCC-Detach-
debounce
10
15
20
ms
After tCC-attach-debounce until VBUS=5 V(7)
VIN=5 V, VCC2=0 V, Increasing VCC1
tVBUS-ON
275
ms
After detaching UFP until VBUS=0 V(7)
VIN=5 V, VCC2=0 V, Decreasing VCC1
tVBUS-OFF
650
ms
Gate high voltage
VIN=5 V
VNGATE
8
10
V
Output Driver Section
Output Voltage Low
VIN=5 V, IGATE=100 mA
VOL
0.16
0.25
V
Output Voltage High
VIN=5 V
VOH
4.5
V
Rising Time(7)
VIN=5 V, CL=3300 pF,
GATE=1 V ~ 4 V
tR
20
35
ns
Falling Time(7)
VIN=5 V, CL=3300 pF,
GATE=4 V~ 1 V
tF
9
ns
Propagation Delay to OUT High (LPC
trigger)
VIN=5 V, GATE=1 V
tPD-HIGH-LPC
44
80
ns
Propagation Delay to OUT Low (LPC
trigger)(7)
VIN=5 V, GATE=4 V
tPD-LOW-LPC
30
ns
Gate inhibit Time(7)
tINHIBIT
1.4
µs
Gate start-up disable time
For FAN602 (FAN6292MX)
tSR-startup-dis
60
ms
Gate start-up disable time
For FAN105B (FAN6292BMX)
tSR-startup-dis
1.5
2
2.5
ms


Numéro de pièce similaire - FAN6292BMX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
More results

Description similaire - FAN6292BMX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
NCP4390 ONSEMI-NCP4390_V01 Datasheet
769Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
November, 2021 - Rev. 2
NCP4390 ONSEMI-NCP4390 Datasheet
694Kb / 30P
   Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
June, 2020 ??Rev. 1
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
International Rectifier
IRLH5030PBF IRF-IRLH5030PBF_15 Datasheet
258Kb / 9P
   Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5406PBF IRF-IRFH5406PBF_15 Datasheet
239Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF Datasheet
313Kb / 8P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com