Moteur de recherche de fiches techniques de composants électroniques |
|
LB16RGW01-12FJ Fiches technique(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB16RGW01-12FJ Fiches technique(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd. |
10 / 20 page Series LB Standard Size Snap-in Pushbuttons D57 D www.nkkswitches.com OPTIONAL ACCESSORIES Barriers Protective Guard AT497 End Material: Polyamide Material: Polyamide Protective Guards reduce depth of switch behind panel by .020” (0.5mm). AT499 Square Protective Guard Opens 90° Closes manually AT498 Center Cutouts for More Than 1 Switch Square A = .752” (19.1mm) x Number of Switches + .051” (1.3mm) Rectangular A = .996” (25.3mm) x Number of Switches + .051” (1.3mm) A (16.2) .638 (20.0) .787 Center Position End Position (19.2) .756 (1.19) .047 (19.2) .756 (23.5) .925 (5.2) .205 (4.3) Typ .169 (15.0) .591 (1.19) .047 (17.0) .669 (20.0) .787 (10.0) .394 (21.0) .827 (8.0) .315 Cap Height When Assembled (14.0) Sq .551 (17.9) Sq .705 (18.4) .724 (20.4) .803 (10.5) .413 (20.5) .807 (7.5) .295 Cap Height When Assembled 180° (17.9) .705 (14.2) .559 (17.9) .705 (7.1) .280 (20.4) .803 (N) (16.2) Sq .638 (39.0) Min* 1.535 (N) = Number of switches AT4171 (10.5) .413 (20.5) .807 (20.4) .803 * Minimum dimension allows opening of cover to 180° Spring Loaded Protective Guard AT4171 Square Protective Guard Opens 180° Closes automatically Materials: Cover: Clear Polycarbonate Base: Black GFR Polyamide Coil Spring: Stainless Steel Recommended Panel Thickness: .039” ~ .106” (1.0mm ~ 2.7mm) |
Numéro de pièce similaire - LB16RGW01-12FJ |
|
Description similaire - LB16RGW01-12FJ |