Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ220CA Fiches technique(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

No de pièce SMAJ220CA
Description  Surface Mount Transient Voltage Suppressor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YANGJIE [Yangzhou yangjie electronic co., ltd]
Site Internet  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMAJ220CA Fiches technique(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  SMAJ220CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMAJ220CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMAJ220CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMAJ220CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMAJ220CA Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd SMAJ220CA Datasheet HTML 6Page - Yangzhou yangjie electronic co., ltd SMAJ220CA Datasheet HTML 7Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMAJ SERIES 
 
4 / 7
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S096
Rev. 2.0, 28-Apr-14
www.21yangjie.com
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Part
Number(Uni)
Part
Number(Bi)
Breakdown Voltage VBR@IT
Maximum
Reverse
Leakage IR@
VWM
(6) (μA)
Working Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse Surge
Current IPP
(5)
(A)
Min(V)
Maximum
Clamping
Voltage Vc
@ IPP(V)
Max (V)
Min(V)
Max (V)
IT
(4)(mA)
SMAJ64
SMAJ64C
71.1
86.9
1.0
5.0
64.0
3.5
114.0
SMAJ64A
SMAJ64CA
71.1
78.6
1.0
5.0
64.0
3.9
103.0
SMAJ70
SMAJ70C
77.8
95.1
1.0
5.0
70.0
3.2
125.0
SMAJ70A
SMAJ70CA
77.8
86.0
1.0
5.0
70.0
3.5
113.0
SMAJ75
SMAJ75C
83.3
102.0
1.0
5.0
75.0
3.0
134.0
SMAJ75A
SMAJ75CA
83.3
92.1
1.0
5.0
75.0
3.3
121.0
SMAJ78
SMAJ78C
86.7
106.0
1.0
5.0
78.0
2.9
139.0
SMAJ78A
SMAJ78CA
86.7
95.8
1.0
5.0
78.0
3.2
126.0
SMAJ80
SMAJ80C
88.9
108.8
1.0
5.0
80.0
2.8
143.2
SMAJ80A
SMAJ80CA
88.8
97.6
1.0
5.0
80.0
3.1
129.0
SMAJ85
SMAJ85C
94.4
115
1.0
5.0
85.0
2.6
151.0
SMAJ85A
SMAJ85CA
94.4
104
1.0
5.0
85.0
2.9
137.0
SMAJ90
SMAJ90C
100
122
1.0
5.0
90.0
2.5
160.0
SMAJ90A
SMAJ90CA
100
111
1.0
5.0
90.0
2.7
146.0
SMAJ100
SMAJ100C
111
136
1.0
5.0
100.0
2.2
179.0
SMAJ100A
SMAJ100CA
111
123
1.0
5.0
100.0
2.4
162.0
SMAJ110
SMAJ110C
122
149
1.0
5.0
110.0
2.0
196.0
SMAJ110A
SMAJ110CA
122
135
1.0
5.0
110.0
2.2
177.0
SMAJ120
SMAJ120C
133
163
1.0
5.0
120.0
1.8
214.0
SMAJ120A
SMAJ120CA
133
147
1.0
5.0
120.0
2.1
193.0
SMAJ130
SMAJ130C
144
176
1.0
5.0
130.0
1.7
231.0
SMAJ130A
SMAJ130CA
144
159
1.0
5.0
130.0
1.9
209.0
SMAJ140
SMAJ140C
155
190
1.0
5.0
140.0
1.6
250.6
SMAJ140A
SMAJ140CA
155
171
1.0
5.0
140.0
1.7
226.8
SMAJ150
SMAJ150C
167
204
1.0
5.0
150.0
1.5
268.0
SMAJ150A
SMAJ150CA
167
185
1.0
5.0
150.0
1.6
243.0
SMAJ160
SMAJ160C
178
218
1.0
5.0
160.0
1.4
287.0
SMAJ160A
SMAJ160CA
178
197
1.0
5.0
160.0
1.5
259.0
SMAJ170
SMAJ170C
189
231
1.0
5.0
170.0
1.3
304.0
SMAJ170A
SMAJ170CA
189
209
1.0
5.0
170.0
1.4
275.0
SMAJ180
SMAJ180C
200
244
1.0
5.0
180.0
1.2
322.2
SMAJ180A
SMAJ180CA
200
220
1.0
5.0
180.0
1.3
291.6
SMAJ190
SMAJ190C
211
258
1.0
5.0
190.0
1.2
340.1
SMAJ190A
SMAJ190CA
211
232
1.0
5.0
190.0
1.3
307.8
SMAJ200A
SMAJ200CA
224
247
1.0
1.0
200.0
1.2
324.0
SMAJ220A
SMAJ220CA
246
272
1.0
1.0
220.0
1.1
356.0
SMAJ250A
SMAJ250CA
279
309
1.0
1.0
250.0
1.0
405.0
SMAJ300A
SMAJ300CA
335
371
1.0
1.0
300.0
0.8
486.0
SMAJ350A
SMAJ350CA
391
432
1.0
1.0
350.0
0.7
567.0
SMAJ400A
SMAJ400CA
447
494
1.0
1.0
400.0
0.6
648.0
SMAJ440A
SMAJ440CA
492
543
1.0
1.0
440.0
0.5
713.0


Numéro de pièce similaire - SMAJ220CA

FabricantNo de pièceFiches techniqueDescription
logo
SAMYANG ELECTRONICS CO....
SMAJ220CA SAMYANG-SMAJ220CA Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Littelfuse
SMAJ220CA LITTELFUSE-SMAJ220CA Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Socay Electornics Co., ...
SMAJ220CA SOCAY-SMAJ220CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Zibo Seno Electronic En...
SMAJ220CA ZSELEC-SMAJ220CA Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
SMAJ220CA LEIDITECH-SMAJ220CA Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
More results

Description similaire - SMAJ220CA

FabricantNo de pièceFiches techniqueDescription
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
logo
SUNMATE electronic Co.,...
5.0SMDJ5.0A SUNMATE-5.0SMDJ5.0A Datasheet
839Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214A-T5.0A SUNMATE-CD214A-T5.0A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214C-T5.0A SUNMATE-CD214C-T5.0A Datasheet
520Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
TPSMA6.8A SUNMATE-TPSMA6.8A Datasheet
541Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com