Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF40162B-40163B Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce HCF40162B-40163B
Description  SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40162B-40163B Fiches technique(HTML) 5 Page - STMicroelectronics

  HCF40162B-40163B Datasheet HTML 1Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 2Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 3Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 4Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 5Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 6Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 7Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 8Page - STMicroelectronics HCF40162B-40163B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol
Parameter
Test Conditios
Value
Unit
VI
(V)
VO
(V)
|IO|
(
µA)
VDD
(V)
TLOW *25
oCTHIGH *
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
IL
Quiescent
Current
HCC
Types
0/5
5
5
0.04
5
150
µA
0/10
10
10
0.04
10
300
0/15
15
20
0.04
20
600
0/20
20
100
0.08
100
3000
HCF
Types
0/5
5
20
0.04
20
150
0/10
10
40
0.04
40
300
0/15
15
80
0.04
80
600
VOH
Output High
Voltage
0/5
< 1
5
4.95
4.95
4.95
V
0/10
< 1
10
9.95
9.95
9.95
0/15
< 1
15
14.95
14.95
14.95
VOL
Output Low
Voltage
5/0
< 1
5
0.05
0.05
0.05
V
10/0
< 1
10
0.05
0.05
0.05
15/0
< 1
15
0.05
0.05
0.05
VIH
Input High
Voltage
0.5/4.5
< 1
5
3.5
3.5
3.5
V
1/9
< 1
10
7
7
7
1.5/13.5
< 1
15
11
11
11
VIL
Input Low
Voltage
4.5/0.5
< 1
5
1.5
1.5
1.5
V
9/1
< 1
10
3
3
3
13.5/1.5
< 1
15
4
4
4
IOH
Output
Drive
Current
HCC
Types
0/5
2.5
5
-2
-1.6
-3.2
-1.15
mA
0/5
4.6
5
-0.64
-0.51
-1
-0.36
0/10
9.5
10
-1.6
-1.3
-2.6
-0.9
0/15
13.5
15
-4.2
-3.4
-6.8
-2.4
HCF
Types
0/5
2.5
5
-1.53
-1.36
-3.2
-1.1
0/5
4.6
5
-0.52
-0.44
-1
-0.36
0/10
9.5
10
-1.3
-1.1
-2.6
-0.9
0/15
13.5
15
-3.6
-3.0
-6.8
-2.4
IOL
Output
Sink
Current
HCC
Types
0/5
0.4
5
0.64
0.51
1
0.36
mA
0/10
0.5
10
1.6
1.3
2.6
0.9
0/15
1.5
15
4.2
3.4
6.8
2.4
HCF
Types
0/5
0.4
5
0.53
0.44
1
0.36
0/10
0.5
10
1.3
1.1
2.6
0.9
0/15
1.5
15
3.6
3.0
6.8
2.4
IIH,IIL
Input
Leakage
Current
HCC
Types
0/18
Any Input
18
±0.1
±10-5 ±0.1
±1
µA
HCC
Types
0/15
15
±0.3
±10-5 ±0.3
±1
CI
Input Capacitance
Any Input
5
7.5
pF
*TLOW =-55
oCfor HCC device: -40 oC for HCF device.
*THIGH =+125
oCfor HCC device: +85 oC for HCF device.
The Noise Margin for both ”1” and ”0” level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD =15 V
HCC/HCF40160B-40161B-40162B-40163B
5/15


Numéro de pièce similaire - HCF40162B-40163B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
HCF40162B STMICROELECTRONICS-HCF40162B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCF40162BC1 STMICROELECTRONICS-HCF40162BC1 Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCF40162BEY STMICROELECTRONICS-HCF40162BEY Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCF40162BF STMICROELECTRONICS-HCF40162BF Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCF40162BM1 STMICROELECTRONICS-HCF40162BM1 Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
More results

Description similaire - HCF40162B-40163B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
HCC40160B STMICROELECTRONICS-HCC40160B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
logo
Intersil Corporation
CD40160BMS INTERSIL-CD40160BMS Datasheet
156Kb / 13P
   CMOS Synchronous Programmable 4-Bit Counters
December 1992
logo
Texas Instruments
CD40160B TI1-CD40160B_15 Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
CD40160B TI-CD40160B Datasheet
552Kb / 13P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com