Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1938 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD1938
Description  4 ADC/8 DAC with PLL
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1938 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD1938_17 Datasheet HTML 7Page - Analog Devices AD1938_17 Datasheet HTML 8Page - Analog Devices AD1938_17 Datasheet HTML 9Page - Analog Devices AD1938_17 Datasheet HTML 10Page - Analog Devices AD1938_17 Datasheet HTML 11Page - Analog Devices AD1938_17 Datasheet HTML 12Page - Analog Devices AD1938_17 Datasheet HTML 13Page - Analog Devices AD1938_17 Datasheet HTML 14Page - Analog Devices AD1938_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AD1938
Data Sheet
Rev. E | Page 10 of 32
Pin No.
In/Out
Mnemonic
Description
26
I
CCLK
Control Clock Input (SPI).
27
I
CLATCH
Latch Input for Control Data (SPI).
28
O
OL1
DAC 1 Left Output.
29
O
OR1
DAC 1 Right Output.
30
O
OL2
DAC 2 Left Output.
31
O
OR2
DAC 2 Right Output.
32
I
AGND
Analog Ground.
33
I
AVDD
Analog Power Supply. Connect to analog 3.3 V supply.
34
I
AGND
Analog Ground.
35
O
FILTR
Voltage Reference Filter Capacitor Connection. Bypass with 10 µF||100 nF to AGND.
36
I
AGND
Analog Ground.
37
I
AVDD
Analog Power Supply. Connect to analog 3.3 V supply.
38
O
CM
Common-Mode Reference Filter Capacitor Connection. Bypass with 47 µF||100 nF to AGND.
39
I
ADC1LP
ADC1 Left Positive Input.
40
I
ADC1LN
ADC1 Left Negative Input.
41
I
ADC1RP
ADC1 Right Positive Input.
42
I
ADC1RN
ADC1 Right Negative Input.
43
I
ADC2LP
ADC2 Left Positive Input.
44
I
ADC2LN
ADC2 Left Negative Input.
45
I
ADC2RP
ADC2 Right Positive Input.
46
I
ADC2RN
ADC2 Right Negative Input.
47
O
LF
PLL Loop Filter, Return to AVDD.
48
I
AVDD
Analog Power Supply. Connect to analog 3.3 V supply.


Numéro de pièce similaire - AD1938_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
More results

Description similaire - AD1938_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1939 AD-AD1939_17 Datasheet
552Kb / 33P
   4 ADC/8 DAC with PLL
ADAU1328 AD-ADAU1328_17 Datasheet
395Kb / 33P
   2 ADC/8 DAC with PLL
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1974 AD-AD1974_13 Datasheet
392Kb / 24P
   4 ADC with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com