Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N25.W Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce 4N25.W
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N25.W Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button 4N25.W Datasheet HTML 7Page - Fairchild Semiconductor 4N25.W Datasheet HTML 8Page - Fairchild Semiconductor 4N25.W Datasheet HTML 9Page - Fairchild Semiconductor 4N25.W Datasheet HTML 10Page - Fairchild Semiconductor 4N25.W Datasheet HTML 11Page - Fairchild Semiconductor 4N25.W Datasheet HTML 12Page - Fairchild Semiconductor 4N25.W Datasheet HTML 13Page - Fairchild Semiconductor 4N25.W Datasheet HTML 14Page - Fairchild Semiconductor 4N25.W Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
6/15/05
Page 11 of 15
© 2005 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
White Package (-M Suffix)
NOTE
All dimensions are in inches (millimeters)
Package Dimensions (Through Hole)
Package Dimensions (Surface Mount)
Package Dimensions (0.4” Lead Spacing)
Recommended Pad Layout for
Surface Mount Leadform
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.320 (8.13)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.100 (2.54)
0.015 (0.38)
0.020 (0.50)
0.016 (0.41)
0.100 (2.54)
15
°
0.012 (0.30)
Pin 1 ID
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.390 (9.90)
0.332 (8.43)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.320 (8.13)
0.035 (0.88)
0.006 (0.16)
0.012 (0.30)
0.008 (0.20)
0.200 (5.08)
0.115 (2.93)
0.025 (0.63)
0.020 (0.51)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
PIN 1 ID
0.350 (8.89)
PIN 1 ID
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
0.100 (2.54)
0.015 (0.38)
0.012 (0.30)
0.008 (0.21)
0.425 (10.80)
0.400 (10.16)
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.305 (7.75)
0.425 (10.79)


Numéro de pièce similaire - 4N25.W

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
4N25.W FAIRCHILD-4N25.W Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Description similaire - 4N25.W

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com