Moteur de recherche de fiches techniques de composants électroniques |
|
BAR46FIL Fiches technique(PDF) 1 Page - STMicroelectronics |
|
BAR46FIL Fiches technique(HTML) 1 Page - STMicroelectronics |
1 / 5 page BAR46 BAR46AFILM ® September 2002 - Ed: 3A SMALL SIGNAL SCHOTTKY DIODES SOT-23 (Plastic) High voltage Schottky rectifier suited for SLIC pro- tection during the card insertion operation. DESCRIPTION Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 100 V IF Continuous forward current 150 mA Ptot Power dissipation (note 1) Tamb = 25°C 230 mW Tstg Maximum storage temperature range - 65 to +150 °C Tj Maximum operating junction temperature * 150 °C TL Maximum temperature for soldering during 10s 260 °C Note 1: for double diodes, Ptot is the total dissipation of both diodes. ABSOLUTE RATINGS(limiting values) Symbol Parameter Value Unit Rth(j-a) Junction-ambient * 500 °C/W * Mounted on epoxy board, with recommended pad layout. THERMAL RESISTANCE K N.C. A A K1 K2 BAR46 BAR46A * : dPtot dTj < 1 Rth (j−a) thermal runaway condition for a diode on its own heatsink VERY SMALL CONDUCTION LOSSES NEGLIGIBLE SWITCHING LOSSES LOW FORWARD VOLTAGE DROP SURFACE MOUNT DEVICE FEATURES AND BENEFITS 1/5 |
Numéro de pièce similaire - BAR46FIL |
|
Description similaire - BAR46FIL |