Moteur de recherche de fiches techniques de composants électroniques |
|
DM87N-2021-25-5220 Fiches technique(PDF) 5 Page - Willow Technologies Ltd |
|
DM87N-2021-25-5220 Fiches technique(HTML) 5 Page - Willow Technologies Ltd |
5 / 5 page M 8 7 D DM87 industrial relays see Tables 1, 2, 3 Examples of ordering codes: DM87N - 2011 - 25 - 1012 relay DM87, 3,5 mm raster, contact material AgNi, with one changeover contact, in cover IP 40, for PCB and sockets, voltage version 12 V DC Ordering codes Type Contact material Contact number & arrangement Cover protection category Connection mode Coil code Contact material 20 - AgNi 23 - AgNi/Au 5 um 30 - AgSnO2 Contact number & arrangement 11 - 1C/O 21 - 1NO Cover protection category 2 - in cover, IP 40 version 3 - in cover, IP 67 waterproof version Connection mode 5 - for PCB and sockets Type of raster Type of raster - standard version N - 3.5 mm raster L - 5.0 mm left raster P - 5.0 mm right raster Type of raster - sensitive version N - 3.5 mm raster Relays DM87N, DM87N sensitive are designed for: • direct PCB mounting • screw terminals plug-in sockets DZT92 and DZM92 with clip DZT80-0040, 35 mm DIN rail mount, EN 50022 or on panel mounting. Signalling / protecting modules type DM... are available with sockets (see page 240) • plug-in sockets for PCB mounting DC35 with clip DH16-2. Relays DM87L, DM87P are designed for: • direct PCB mounting • screw terminals plug-in sockets DZT80 and DZM80 with clip DZT80-0040, 35 mm DIN rail mount, EN 50022 or on panel mounting. Signalling / protecting modules type DM... are available with sockets • plug-in sockets for PCB mounting DW80 and DC50 with clip DH16-2. Mounting Mounting openings raster (solder side view) DM87N 1C/O DM87N sensitive 1C/O DM87L 1C/O DM87P 1C/O www.aecsensors.com Sales Department Tel: (888) 847-6552 Page 5 of 5 American Electronic Components, Inc. 1101 Lafayette Street, Elkhart, IN 46516 5 × Ø 1.3 2.5 × 2.5 55 15 5 × Ø 1.3 2.5 × 2.5 55 15 5 × Ø 1.3 2.5 × 2.5 3.5 3.5 16.5 |
Numéro de pièce similaire - DM87N-2021-25-5220 |
|
Description similaire - DM87N-2021-25-5220 |