Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM87L-2021-35-S048 Fiches technique(PDF) 1 Page - Willow Technologies Ltd

No de pièce DM87L-2021-35-S048
Description  industrial relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WILLOW [Willow Technologies Ltd]
Site Internet  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM87L-2021-35-S048 Fiches technique(HTML) 1 Page - Willow Technologies Ltd

  DM87L-2021-35-S048 Datasheet HTML 1Page - Willow Technologies Ltd DM87L-2021-35-S048 Datasheet HTML 2Page - Willow Technologies Ltd DM87L-2021-35-S048 Datasheet HTML 3Page - Willow Technologies Ltd DM87L-2021-35-S048 Datasheet HTML 4Page - Willow Technologies Ltd DM87L-2021-35-S048 Datasheet HTML 5Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DM87
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 1 of 5
1C/O, 1NO
AgNi, AgNi/Au 5 um, AgSnO2
400 V / 300 V
5 V AgNi, 5 V AgNi/Au 5 um, 10 V AgSnO2
12 A / 250 V AC standard version
10 A / 250 V AC sensitive version
12 A / 24 V DC standard version
10 A / 24 V DC sensitive version
5 mA AgNi, 2 mA AgNi/Au 5 um, 10 mA AgSnO2
25 A AgSnO2 standard version
20 A AgSnO2 sensitive version
12 A standard version
10 A sensitive version
3 000 VA standard version
2 500 VA sensitive version
0.3 W AgNi, 0.05 W AgNi/Au 5 um, 1 W AgSnO2
≤ 100 mΩ
600 cycles/hour
72 000 cycles/hour
12...240 V standard version
3...110 V standard version
5...48 V sensitive version
AC:
≥ 0.15 Un
DC:
≥ 0.1 Un
see Tables 1, 3 and Fig. 5, 7 standard version
see Table 2 and Fig. 6 sensitive version
0,75 VA standard version
0.4...0.48 W standard version
0.25 W sensitive version
C250 / B400
400 V AC
4 000 V AC
III
IEC 61810-5 (PN-IEC 664-1)
3
5 000 V AC
1 000 V AC
≥ 10 mm
≥ 10 mm
7 ms
3 ms
> 105 12 A, 250 V AC standard version
> 1,7 x 105
10 A, 250 V AC sensitive version
see Fig. 2
> 105
0,15 A, 220 V DC
> 3 x 107
29 x 12.7 x 15.7 mm
14 g
-40...+85 oC
AC: -40...+70 oC DC: -40...+85 oC
IP 40 or IP 67
RTII IEC 61810-7
30 g
10 g 10...150 Hz
max. 270 oC
max. 5 s
Contacts
Contact number & arrangement
Contact material
Max. switching voltage
AC/DC
Min. switching voltage
Rated load
AC1
DC1
Min. switching current
Max. inrush current
Rated current
Max. breaking capacity
AC1
Min. breaking capacity
Resistance
Max. operating frequency
• at rated load
AC1
• no load
Coil
Rated voltage
50/60 Hz AC
DC
Must release voltage
Operating range of supply voltage
Rated power consumption
AC
DC
Insulation
Insulation category
Insulation rated voltage
Rated surge voltage
Overvoltage category
Insulation pollution degree
Dielectric strength
• coil - contact
• contact - contact
Contact - coil distance
• clearance
• creepage
General data
Operating time (typical value)
Release time (typical value)
Electrical life
• resistive AC1
• cos
φ
• L/R=40 ms
Mechanical life (cycles)
Dimensions (L x W x H)
Weight
Ambient temperature
• storage
• operating
Cover protection category
Environmental protection
Shock resistance
Vibration resistance
Solder bath temperature
Soldering time
• Cadmium - free contacts • Height 15,7 mm
• 5000 V / 10 mm reinforced insulation
• For PCB and plug-in sockets
• Accessories: sockets and modules
• AC and DC coils - standard (DM87N, DM87L, DM87P),
DC coils - sensitive (DM87N sensitive)
• Recyclable packing
• Recognitions, certificates, directives: RoHS,
DM87N sensitive
Standard contact materials are marked with bold type.
R
VDE


Numéro de pièce similaire - DM87L-2021-35-S048

FabricantNo de pièceFiches techniqueDescription
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
logo
National Semiconductor ...
DM87S181 NSC-DM87S181 Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181AJ NSC-DM87S181AJ Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181AN NSC-DM87S181AN Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
DM87S181J NSC-DM87S181J Datasheet
82Kb / 4P
   (1024 x 8) 8192-BIT TTL PROMs
More results

Description similaire - DM87L-2021-35-S048

FabricantNo de pièceFiches techniqueDescription
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
Willow Technologies Ltd
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
   industrial relays
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com