Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM84-2012-35-1018 Fiches technique(PDF) 2 Page - Willow Technologies Ltd

No de pièce DM84-2012-35-1018
Description  industrial relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WILLOW [Willow Technologies Ltd]
Site Internet  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM84-2012-35-1018 Fiches technique(HTML) 2 Page - Willow Technologies Ltd

  DM84-2012-35-1018 Datasheet HTML 1Page - Willow Technologies Ltd DM84-2012-35-1018 Datasheet HTML 2Page - Willow Technologies Ltd DM84-2012-35-1018 Datasheet HTML 3Page - Willow Technologies Ltd DM84-2012-35-1018 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Coil code
Rated voltage
V AC
Coil resistance
at 20 °C
Acceptable
resistance
Coil operating range at 20 °C
V AC - 50 Hz
max.
min.
Coil data - AC 50/60 Hz voltage version
Table 2
1003
1005
1006
1009
1018
1036
1048
1060
1110
1012
1024
5012
5048
5060
5110
5115
5120
5220
5240
5024
5230
3
5
6
9
18
36
48
60
110
12
24
12
48
60
110
115
120
220
240
24
230
22
60
90
200
710
3 140
5 700
7 500
25 200
360
1 440
100
1 550
2 600
8 900
9 600
10 200
35 500
42 500
400
38 500
± 10%
±10%
±10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 15%
2,1
3,5
4,2
6,3
12,6
25,2
33,6
42,0
77,0
8,4
16,8
9,6
38,4
48,0
88,0
92,0
96,0
176,0
192,0
19,2
184,0
7,6
12,7
15,3
22,9
45,9
91,8
122,4
153,0
280,0
30,6
61,2
13,2
57,6
72,0
132,0
138,0
144,0
264,0
288,0
28,8
276,0
Dimensions
515
2,5
5
29
14 (8)
14 (8)
11 (7)
11 (7)
12 (6)
A1 (1)
24 (5)
24 (5)
21 (4)
21 (4)
22 (3)
A1 (1) A2 (2)
A2 (2)
22(3); 21(4); 24(5);
12(6); 11(7); 14(8)
A1(1); A2(2)
Terminal (pin)
Drilling hole:
• for relays
• for sockets
Ø 1,3 + 0,1 mm
Ø 1,5 + 0,1 mm
[mm]
Ø 0,6
0,5 x 0,9
Standard coil rated voltages marked with bold type.
Coil code
Rated voltage
V DC
Coil resistance
±10% at 20 °C
Coil operating range at 20 °C
V DC
max.
min.
Standard coil rated voltages marked with bold type.
Coil data - DC voltage version
Table 1
DM84
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 2 of 4
2C/O
2NO


Numéro de pièce similaire - DM84-2012-35-1018

FabricantNo de pièceFiches techniqueDescription
logo
American Electronic Com...
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
TOKYO SEIMITSU CO., LTD
DM84071 ACCRETECH-DM84071 Datasheet
3Mb / 20P
   SURFCOM 쨌 CONTOURECORD Option
More results

Description similaire - DM84-2012-35-1018

FabricantNo de pièceFiches techniqueDescription
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM87 WILLOW-DM87 Datasheet
128Kb / 5P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
Willow Technologies Ltd
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
   industrial relays
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com