Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4007 Fiches technique(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

No de pièce 1N4007
Description  General Purpose Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YANGJIE [Yangzhou yangjie electronic co., ltd]
Site Internet  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N4007 Fiches technique(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  1N4007 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N4007 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N4007 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 1N4007 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4001 THRU 1N4007
 
 
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-A009
Rev.2.0,28-Apr-14 
www.21yangjie.com
General Purpose Rectifier
Features
● High efficiency
● High current capability
● High reliability
● High surge current capability
● Low power loss
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Mechanical Data
Package: DO-204AL(DO-41)
Molding compound meets UL 94 V-0 flammability rating,
RoHS-compliant
Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
Polarity:Color band denotes cathode end
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
Device marking code
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
Average Forward Current @60Hz sine wave,
Resistance load, Ta =50℃
IF(AV)
A
1.0
Surge(Non-repetitive)Forward Current
@ 60Hz Half-sine wave,1 cycle, Ta=25℃
IFSM
A
30
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55~+125
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST CONDITIONS
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
Maximum instantaneous forward
voltage drop per diode
V
FM
V
IFM=1.0A
1.0
Maximum DC reverse current at
rated DC blocking voltage per diode
I
RRM1
μA
Ta=25℃
2.5
I
RRM2
Ta=100℃
50
Typical junction capacitance
Cj
pF
Measured at 1MHZ and 
Applied Reverse Voltage 
of 4.0 V.D.C.
12
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
Thermal Resistance(Typical)
RθJ-A
/W
50
■Ordering Information (Example)
PREFERED P/N
PACKAGE CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
1N4001~1N4007
D1
Approximate 0.27
Approximate 5000
5000
50000
Tape
1N4001~1N4007
C1
Approximate 0.27
Approximate 1000
1000
50000
Bulk
COMPLIANT
RoHS


Numéro de pièce similaire - 1N4007

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
WILLAS ELECTRONIC CORP
1N4007 WILLAS-1N4007 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
logo
MAKO SEMICONDUCTOR CO.,...
1N4007 MAKOSEMI-1N4007 Datasheet
97Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4007 EIC-1N4007 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

Description similaire - 1N4007

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
logo
Comchip Technology
1N5400-G COMCHIP-1N5400-G Datasheet
50Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com