Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KODELPS1.22 Fiches technique(PDF) 10 Page - OSRAM GmbH

No de pièce KODELPS1.22
Description  Automotive Interior Lighting
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KODELPS1.22 Fiches technique(HTML) 10 Page - OSRAM GmbH

Back Button KODELPS1.22 Datasheet HTML 6Page - OSRAM GmbH KODELPS1.22 Datasheet HTML 7Page - OSRAM GmbH KODELPS1.22 Datasheet HTML 8Page - OSRAM GmbH KODELPS1.22 Datasheet HTML 9Page - OSRAM GmbH KODELPS1.22 Datasheet HTML 10Page - OSRAM GmbH KODELPS1.22 Datasheet HTML 11Page - OSRAM GmbH KODELPS1.22 Datasheet HTML 12Page - OSRAM GmbH KODELPS1.22 Datasheet HTML 13Page - OSRAM GmbH KODELPS1.22 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2017-06-06
10
Version 1.4
KO DELPS1.22
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
KO DELPS1.22
0
20
40
60
80
100
T [°C]
0
5
10
15
20
25
30
IF [mA]
: Ts
10-6
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time [s]
40
60
80
IF [mA]
TS = 0°C ... 110°C
KO DELPS1.22
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005


Numéro de pièce similaire - KODELPS1.22

FabricantNo de pièceFiches techniqueDescription
logo
ams AG
KODELLS1.22 AMSCO-KODELLS1.22 Datasheet
1Mb / 23P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.8 2023-05-12
KODELLS1.22-KHLI-24 AMSCO-KODELLS1.22-KHLI-24 Datasheet
1Mb / 23P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.8 2023-05-12
KODELMS1.22 AMSCO-KODELMS1.22 Datasheet
1Mb / 23P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
KODELMS1.22-SGTH-24-E6L6 AMSCO-KODELMS1.22-SGTH-24-E6L6 Datasheet
1Mb / 23P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
More results

Description similaire - KODELPS1.22

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
   Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
   Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
   Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
   Automotive Interior Lighting
LYT670 OSRAM-LYT670 Datasheet
443Kb / 19P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com