Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P0080SA Fiches technique(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce P0080SA
Description  Thyristor Surge Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P0080SA Fiches technique(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P0080SA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P0080SA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P0080SA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P0080SA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd P0080SA Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd P0080SA Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Thyristor Surge Suppressors -PxxxxSX Series
Thermal Considerations
Surge Ratings
Series
Peak Pilse Current-lpp(A)
2/10µs
8/20µs
10/160µs
10/560µs
10/1000µs
A
200
150
100
60
50
B
250
250
150
100
80
C
500
400
200
120
100
Package
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature
-40 to +150
TS
Storage Temperature Range
-40 to +150
RθJA
Junction to Ambient on printed circuit
90
/W
DO-214AA
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20170301-P1
Thyristor Surge Suppressors -PxxxxSX Series


Numéro de pièce similaire - P0080SA

FabricantNo de pièceFiches techniqueDescription
logo
Teccor Electronics
P0080SA TECCOR-P0080SA Datasheet
423Kb / 2P
   SIDACtor Device
logo
DONGGUAN YOU FENG WEI E...
P0080SA YFWDIODE-P0080SA Datasheet
414Kb / 3P
   Thyristors Surge ProtectionDevice
logo
Littelfuse
P0080SA LITTELFUSE-P0080SA Datasheet
97Kb / 1P
   DO-214AA Package Symbolization
logo
UN Semiconducctor INC
P0080SA UNSEMI-P0080SA Datasheet
3Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
HuaXinAn Electronics CO...
P0080SA HUAXINAN-P0080SA Datasheet
375Kb / 7P
   SIDACtor Protection Thyristors
More results

Description similaire - P0080SA

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
P0060SC2 LEIDITECH-P0060SC2 Datasheet
392Kb / 4P
   Thyristor Surge Suppressors
P0300-C2 LEIDITECH-P0300-C2 Datasheet
1Mb / 4P
   Thyristor Surge Suppressors
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com