Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7889 Fiches technique(PDF) 30 Page - Analog Devices

No de pièce AD7889
Description  Low Voltage Controller for Touch Screens
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7889 Fiches technique(HTML) 30 Page - Analog Devices

Back Button AD7889 Datasheet HTML 26Page - Analog Devices AD7889 Datasheet HTML 27Page - Analog Devices AD7889 Datasheet HTML 28Page - Analog Devices AD7889 Datasheet HTML 29Page - Analog Devices AD7889 Datasheet HTML 30Page - Analog Devices AD7889 Datasheet HTML 31Page - Analog Devices AD7889 Datasheet HTML 32Page - Analog Devices AD7889 Datasheet HTML 33Page - Analog Devices AD7889 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AD7879/AD7889
Data Sheet
Rev. D | Page 30 of 40
CONTROL REGISTER 3
Control Register 3 (Address 0x03) includes the interrupt
register (Bits[15:8]) and the sequencer bits (Bits[7:0]).
Sequencer (Control Register 3, Bits[7:0])
The sequencer bits control which channels are converted during
a conversion sequence in both slave mode and master mode.
To include a measurement in a sequence, the relevant bit must
be set in the sequence. Setting Bit 7 includes a measurement on
the X+ channel (Y position). Setting Bit 6 includes a measure-
ment on the Y+ channel (X position), and so on (see Table 14).
Figure 34 illustrates the correspondence between the bits in
Control Register 3 and the various measurements. Bit 0 is
not used.
SLAVE MODE
CONVERSION
SEQUENCE
TIMER = 00?
START TIMER
WAIT FOR TIMER
SINGLE
CONVERSION
MASTER MODE
WAIT FOR
FIRST TOUCH
CONVERSION
SEQUENCE
SCREEN
TOUCHED?
TIMER = 00?
START TIMER
WAIT FOR TIMER
SCREEN
TOUCHED?
IDLE
ADC MODE?
10
YES
YES
YES
NO
NO
YES
NO
NO
11
00
01
Figure 32. Conversion Modes
FCD
REQ’D?
WAIT FOR
ACQUISITION
ACQ
SET CHANNEL
CONVERT DATA
AVERAGE DATA
TRANSFER DATA
TO REGISTERS
SET ALERT AND
INTERRUPT
1MEDIAN # MEANS MEDIAN
FILTER SIZE.
RANK NEW
DATA
(WAIT tSORT)
MEDIAN
# OF SAMPLES
TAKEN?1
NO
YES
START OF
CONVERSION
SEQUENCE
FCD
FCD
MAV FILTER
ENABLED
?
OUT-OF-
LIMIT?
END OF
SEQUENCE
?
YES
YES
YES
NO
NO
NO
YES
NO
Figure 33. Conversion Sequence
TEMP
MASK
AUX/
VBAT
MASK
INT
MODE
GPIO
ALERT
AUX/
VBAT
LOW
AUX/
VBAT
HIGH
TEMP
HIGH
X+
Y+
Z1
Z2
AUX
VBAT TEMP
NOT
USED
0
15
TEMP
LOW
Figure 34. Control Register 3


Numéro de pièce similaire - AD7889

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7889ACBZ-RL AD-AD7889ACBZ-RL Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
More results

Description similaire - AD7889

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
   Low Voltage Controller for Touch Screens
REV. 0
AD7879 AD-AD7879_17 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
logo
3M Electronics
69-502 3M-69-502 Datasheet
131Kb / 2P
   MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
   Touch Screen Controller for Dual Touch Gestures
logo
List of Unclassifed Man...
FTAS00-150A5 ETC2-FTAS00-150A5 Datasheet
470Kb / 6P
   Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com