Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7142 Fiches technique(PDF) 25 Page - Analog Devices

No de pièce AD7142
Description  Programmable Controller for Capacitance Touch Sensors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7142 Fiches technique(HTML) 25 Page - Analog Devices

Back Button AD7142_17 Datasheet HTML 21Page - Analog Devices AD7142_17 Datasheet HTML 22Page - Analog Devices AD7142_17 Datasheet HTML 23Page - Analog Devices AD7142_17 Datasheet HTML 24Page - Analog Devices AD7142_17 Datasheet HTML 25Page - Analog Devices AD7142_17 Datasheet HTML 26Page - Analog Devices AD7142_17 Datasheet HTML 27Page - Analog Devices AD7142_17 Datasheet HTML 28Page - Analog Devices AD7142_17 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
Data Sheet
AD7142
Rev. B | Page 25 of 70
ADAPTIVE THRESHOLD AND SENSITIVITY
The AD7142 provides an on-chip self-learning adaptive
threshold and sensitivity algorithm. This algorithm continu-
ously monitors the output levels of each sensor and automatically
rescales the threshold levels proportionally to the sensor area
covered by the user. As a result, the AD7142 maintains optimal
threshold and sensitivity levels for all types of users regardless
of their finger sizes.
The threshold level is always referenced from the ambient level
and is defined as the CDC converter output level that must be
exceeded for a valid sensor contact. The sensitivity level is
defined as how sensitive the sensor is before a valid contact
is registered.
Figure 36 provides an example of how the adaptive threshold and
sensitivity algorithm works. The positive and negative sensor
threshold levels are calculated as a percentage of the STAGE_
OFFSET_HIGH and STAGE_OFFSET_LOW values based on
the threshold sensitivity settings and the ambient value. On
configuration, initial estimates are supplied for both
STAGE_OFFSET_HIGH and STAGE_OFFSET_LOW after
which the calibration engine automatically adjusts the
STAGE_HIGH_THRESHOLD and STAGE_LOW_
THRESHOLD values for sensor response.
The AD7142 tracks the average maximum and minimum values
measured from each sensor. These values give an indication of
how the user is interacting with the sensor. A large finger gives
a large average maximum or minimum value, and a small finger
gives smaller values. When the average maximum or minimum
value changes, the threshold levels are rescaled to ensure that
the threshold levels are appropriate for the current user. Figure 37
shows how the minimum and maximum sensor responses are
tracked by the on-chip logic.
Reference A in Figure 36 shows an undersensitive threshold
level for a small finger user, demonstrating the disadvantages of
a fixed threshold level.
By enabling the adaptive threshold and sensitivity algorithm,
the positive and negative threshold levels are determined by the
POS_THRESHOLD_SENSITIVITY and NEG_THRESHOLD_
SENSITIVITY register values and the most recent average
maximum sensor output value. These registers can be used to
select 16 different positive and negative sensitivity levels
ranging between 25% and 95.32% of the most recent average
maximum output level referenced from the ambient value. The
smaller the sensitivity percentage setting, the easier it is to
trigger a sensor activation. Reference B shows that the positive
adaptive threshold level is set at almost mid-sensitivity with a
62.51% threshold level by setting POS_THRESHOLD_
SENSITIVITY = 1000. Figure 36 also provides a similar
example for the negative threshold level with NEG_
THRESHOLD_SENSITIVITY = 0001.
AMBIENT LEVEL
AVERAGE MAX VALUE
STAGE_OFFSET_HIGH
25%
95.32%
62.51% = POS
ADAPTIVE
THRESHOLD LEVEL
25%
62.51% = POS ADAPTIVE
THRESHOLD LEVEL
95.32%
NEG ADAPTIVE THRESHOLD LEVEL = 39.08%
25%
95.32%
25%
95.32%
SENSOR CONTACTED
BY SMALL FINGER
AVERAGE MAX VALUE
STAGE_OFFSET_LOW
NEG ADAPTIVE THRESHOLD LEVEL = 39.08%
SENSOR CONTACTED
BY LARGE FINGER
STAGE_OFFSET_HIGH
IS UPDATED
STAGE_OFFSET_HIGH
IS UPDATED HERE
STAGE_OFFSET_LOW
IS UPDATED HERE
STAGE_OFFSET_LOW
IS UPDATED HERE
A
B
Figure 36. Threshold Sensitivity Example with POS_THRESHOLD_SENSITIVITY = 1000 and NEG_THRESHOLD_SENSITIVITY = 0011


Numéro de pièce similaire - AD7142_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
More results

Description similaire - AD7142_17

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com