Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSE180-2N41132 Fiches technique(PDF) 3 Page - SICK AG

No de pièce VSE180-2N41132
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

VSE180-2N41132 Fiches technique(HTML) 3 Page - SICK AG

  VSE180-2N41132 Datasheet HTML 1Page - SICK AG VSE180-2N41132 Datasheet HTML 2Page - SICK AG VSE180-2N41132 Datasheet HTML 3Page - SICK AG VSE180-2N41132 Datasheet HTML 4Page - SICK AG VSE180-2N41132 Datasheet HTML 5Page - SICK AG VSE180-2N41132 Datasheet HTML 6Page - SICK AG VSE180-2N41132 Datasheet HTML 7Page - SICK AG VSE180-2N41132 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VSE180-2N41132 | V180-2
PHOTOELECTRIC SENSORS
Ripple
± 10 % 2)
Power consumption, sender
20 mA 3)
Power consumption, receiver
15 mA 3)
Output type
NPN 4)
Switching mode
Light/dark switching 4)
Switching mode selector
Selectable via L/D control cable
Signal voltage NPN HIGH/LOW
Approx. VS / < 1.8 V
Output current Imax.
≤ 100 mA
Response time
≤ 0.5 ms 5)
Switching frequency
1,000 Hz 6)
Connection type
Cable, 4-wire, 2 m 7)
Cable material
PVC
Conductor cross-section
0.18 mm²
Cable diameter
Ø 3.8 mm
Circuit protection
8)
9)
10)
Protection class
III
Weight
190 g
Housing material
Metal, Nickel-plated brass and PC
Optics material
Plastic, PMMA
Enclosure rating
IP67
Items supplied
Fastening nuts (4 x)
Ambient operating temperature
–25 °C ... +55 °C
Ambient storage temperature
–40 °C ... +70 °C
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Control wire open: light switching L.ON.
5) Signal transit time with resistive load.
6) With light/dark ratio 1:1.
7) Do not bend below 0 °C.
8) A = VS connections reverse-polarity protected.
9) B = inputs and output reverse-polarity protected.
10) D = outputs overcurrent and short-circuit protected.
Classifications
ECl@ss 5.0
27270901
ECl@ss 5.1.4
27270901
ECl@ss 6.0
27270901
ECl@ss 6.2
27270901
ECl@ss 7.0
27270901
ECl@ss 8.0
27270901
ECl@ss 8.1
27270901
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


Numéro de pièce similaire - VSE180-2N41132

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
VSE180-2N41137 SICK-VSE180-2N41137 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
VSE180-2N41139 SICK-VSE180-2N41139 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Description similaire - VSE180-2N41132

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com