Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSE180-2N41132 Fiches technique(PDF) 2 Page - SICK AG

No de pièce VSE180-2N41132
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

VSE180-2N41132 Fiches technique(HTML) 2 Page - SICK AG

  VSE180-2N41132 Datasheet HTML 1Page - SICK AG VSE180-2N41132 Datasheet HTML 2Page - SICK AG VSE180-2N41132 Datasheet HTML 3Page - SICK AG VSE180-2N41132 Datasheet HTML 4Page - SICK AG VSE180-2N41132 Datasheet HTML 5Page - SICK AG VSE180-2N41132 Datasheet HTML 6Page - SICK AG VSE180-2N41132 Datasheet HTML 7Page - SICK AG VSE180-2N41132 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VSE180-2N41132 | V180-2
PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
VSE180-2N41132
6041820
Other models and accessories
www.sick.com/V180-2
Detailed technical data
Features
Sensor/ detection principle
Through-beam photoelectric sensor
Housing design (light emission)
Cylindrical, straight
Housing length
62.5 mm
Thread diameter (housing)
M18 x 1
Optical axis
Axial
Sensing range max.
0 m ... 28 m
Sensing range
0 m ... 20 m
Type of light
Visible red light
Light source
LED 1)
Light spot size (distance)
Ø 1,100 mm (20 m)
Angle of dispersion
Approx. 5°
Wave length
645 nm
Adjustment
Potentiometer, 270° (Sensitivity) 2)
1) Average service life: 100,000 h at TU = +25 °C.
2) Receiver.
Communication interface
Communication interface
-
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Control wire open: light switching L.ON.
5) Signal transit time with resistive load.
6) With light/dark ratio 1:1.
7) Do not bend below 0 °C.
8) A = VS connections reverse-polarity protected.
9) B = inputs and output reverse-polarity protected.
10) D = outputs overcurrent and short-circuit protected.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


Numéro de pièce similaire - VSE180-2N41132

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
VSE180-2N41137 SICK-VSE180-2N41137 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
VSE180-2N41139 SICK-VSE180-2N41139 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Description similaire - VSE180-2N41132

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com